Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 29Page - Cirrus Logic CS5464 Datasheet HTML 30Page - Cirrus Logic CS5464 Datasheet HTML 31Page - Cirrus Logic CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic CS5464 Datasheet HTML 34Page - Cirrus Logic CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic CS5464 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
CS5464
DS682F1
33
8.3 Page 1 Registers
8.3.1 DC Offset for Current (I1OFF , I2OFF ) and Voltage (V1OFF , V2OFF )
Address: 0 (I1OFF), 2 (V1OFF), 7 (I2OFF), 9 (V2OFF)
Default = 0
DC offset registers I1OFF & V1OFF (I2OFF & V2OFF) are initialized to zero on reset. During DC offset calibration,
selected registers are written with the inverse of the DC offset measured. The application program can also write
the DC offset register values. These are two's complement values in the range of -1.0
≤ value < 1.0, with the
binary point to the right of the MSB.
8.3.2 Gain for Current (I1GAIN , I2GAIN ) and Voltage (V1GAIN , V2GAIN )
Address: 1 (I1GAIN), 3 (V1GAIN), 8 (I2GAIN), 10 (V2GAIN)
Default = 1.0
Gain registers I1GAIN & V1GAIN (I2GAIN & V2GAIN) are initialized to 1.0 on reset. During AC or DC gain calibration,
selected register are written with the multiplicative inverse of the gain measured. These are unsigned fixed-point
values in the range of 0
≤ value < 4.0, with the binary point to the right of the second MSB.
8.3.3 Power Offset (P1OFF , P2OFF )
Address: 4 (P1OFF ), 11 (P2OFF )
Default = 0
Power offset P1OFF (P2OFF) is added to instantaneous power and averaged over a low-rate interval to yield
P1AVG (P2AVG) register results. It can be used to reduce systematic energy errors. These are two's complement
values in the range of -1.0
≤ value < 1.0, with the binary point to the right of the MSB.
8.3.4 AC Offset for Current (I1ACOFF , I2ACOFF ) and Voltage (V1ACOFF , V2ACOFF )
Address: 5 (I1ACOFF), 6 (V1ACOFF), 12 (I2ACOFF), 13 (V2ACOFF)
Default = 0
AC offset registers I1ACOFF & V1ACOFF (VACOFF & V2ACOFF) are initialized to zero on reset. These are added to
the RMS results before being stored to the RMS result registers. They can be used to reduce systematic errors
in the RMS results. These are two's complement values in the range of -1.0
≤ value < 1.0, with the binary point
to the right of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
21
20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com