Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 14Page - Cirrus Logic CS5464 Datasheet HTML 15Page - Cirrus Logic CS5464 Datasheet HTML 16Page - Cirrus Logic CS5464 Datasheet HTML 17Page - Cirrus Logic CS5464 Datasheet HTML 18Page - Cirrus Logic CS5464 Datasheet HTML 19Page - Cirrus Logic CS5464 Datasheet HTML 20Page - Cirrus Logic CS5464 Datasheet HTML 21Page - Cirrus Logic CS5464 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
CS5464
18
DS682F1
5.2.5 Serial Interface
The CS5464 provides 5 pins, SCLK, SDI, SDO, CS, and
MODE for communication between a host microcontrol-
ler or serial E2PROM and the CS5464.
MODE is an input that, when high, indicates to the
CS5464 that a serial E2PROM is being used instead of
a host microcontroller. It has a weak pull-down allowing
it to be left unconnected if microcontroller mode is used.
SCLK is used to shift and qualify serial data. Serial data
changes as a result of the falling edge of SCLK and is
valid during the rising edge. It is a Schmitt-trigger input
for host microcontrollers, and a driven output for serial
E2PROMs.
SDI is the serial data input to the CS5464.
SDO is the serial data output from the CS5464. It’s out-
put drivers are disabled whenever CS is de-asserted, al-
lowing other devices to drive the SDO line.
CS is the chip select input for the serial bus. A high logic
level de-asserts it, tri-stating the SDO pin and clearing
the serial interface. A low logic level enables the serial
port. This pin may be tied low for systems not requiring
multiple SDO drivers. CS is a driven output when inter-
facing to serial E2PROMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com