Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 115 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 111Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 112Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 113Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 114Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 115Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 116Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 117Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 118Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 137 page
background image
115
4235K–8051–05/08
AT89C51RD2/ED2
Notes:
1. Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 25-4), VIL =
VSS + 0.5V, VIH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used
(see Figure 25-1).
2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC -
0.5V; XTAL2 N.C; Port 0 = VCC; EA = RST = VSS (see Figure 25-2).
3. Power-down ICC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 25-3).
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLS of ALE and Ports 1
and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100 pF), the noise pulse on the ALE line may exceed
0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not necessary.
5. Typical values are based on a limited number of samples and are not guaranteed. The values listed are at room temperature
and 5V.
6. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin: 10 mA
Maximum IOL per 8-bit port:
VOH1
Output High Voltage, port 0, ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
VCC = 5V ± 10%
IOH = -200 µA
IOH = -3.2 mA
IOH = -7.0 mA
0.9 VCC
V
VCC = 2.7V to 5.5V
IOH = -10 µA
RRST
RST Pull-down Resistor
50
200(5)
250
kΩ
IIL
Logical 0 Input Current ports 1, 2, 3, 4 and 5
-50
µ
A
VIN = 0.45V
ILI
Input Leakage Current
±
10
µ
A
0.45V < VIN < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4
-650
µ
A
VIN = 2.0V
C
IO
Capacitance of I/O Buffer
10
pF
FC = 3 MHz
T
A = 25°C
I
PD
Power-down Current
75
150
µ
A
2.7 < V
CC < 5.5V
(3)
I
CCOP
Power Supply Current on normal mode
0.4 x Frequency (MHz) + 5
mA
V
CC = 5.5V
(1)
I
CCIDLE
Power Supply Current on idle mode
0.3 x Frequency (MHz) + 5
mA
V
CC = 5.5V
(2)
I
CCWRITE
Power Supply Current on flash or EEdata write
0.8 x Frequency (MHz) + 15
mA
V
CC = 5.5V
t
WRITE
Flash or EEdata programming time
7
17
ms
2.7 < V
CC < 5.5V
VPFDP
Internal POR/PFD VPFDP threshold
2.25
2.5
2.69
V
VPFDM
Internal POR/PFD VPFDM threshold
2.15
2.35
2.62
V
Vhyst
Internal POR/PFD Hysteresys
70
140
250
mV
Vcc
dV/dt
Maximum Vcc Power supply slew rate(7)
0.1
V/µs
TA = -40°C to +85°C; VSS = 0V;
VCC =2.7V to 5.5V and F = 0 to 40 MHz (both internal and external code execution)
VCC =4.5V to 5.5V and F = 0 to 60 MHz (internal code execution only) (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com