Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 119 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 119 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 115Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 116Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 117Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 118Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 119Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 120Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 121Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 122Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 123Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 137 page
background image
119
4235K–8051–05/08
AT89C51RD2/ED2
Table 25-3.
AC Parameters for a Variable Clock
25.3.3
External Program Memory Read Cycle
25.3.4
External Data Memory Characteristics
Symbol
Type
Standard Clock
X2 Clock
X parameter for
-M range
Units
TLHLL
Min
2 T - x
T - x
15
ns
TAVLL
Min
T - x
0.5 T - x
20
ns
TLLAX
Min
T - x
0.5 T - x
20
ns
TLLIV
Max
4 T - x
2 T - x
35
ns
TLLPL
Min
T - x
0.5 T - x
15
ns
TPLPH
Min
3 T - x
1.5 T - x
25
ns
TPLIV
Max
3 T - x
1.5 T - x
45
ns
TPXIX
Min
x
x
0
ns
TPXIZ
Max
T - x
0.5 T - x
15
ns
TAVIV
Max
5 T - x
2.5 T - x
45
ns
TPLAZ
Max
x
x
10
ns
T
PLIV
TPLAZ
ALE
PSEN
PORT 0
PORT 2
A0-A7
A0-A7
INSTR IN
INSTR IN
INSTR IN
ADDRESS
OR SFR-P2
ADDRESS A8-A15
ADDRESS A8-A15
12 T
CLCL
T
AVIV
T
LHLL
T
AVLL
T
LLIV
T
LLPL
TPLPH
T
PXAV
T
PXIX
T
PXIZ
T
LLAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com