Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 113Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 114Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 115Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 116Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 117Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 118Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 119Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 120Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 137 page
background image
117
4235K–8051–05/08
AT89C51RD2/ED2
Figure 25-4. Clock Signal Waveform for ICC Tests in Active and Idle Modes
25.3
AC Parameters
25.3.1
Explanation of the AC Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for time). The
other characters, depending on their positions, stand for the name of a signal or the logical sta-
tus of that signal. The following is a list of all the characters and what they stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
(Load Capacitance for port 0, ALE and PSEN = 100 pF; Load Capacitance for all other outputs =
80 pF.)
Table 25-1 Table 25-4, and Table 25-7 give the description of each AC symbols.
Table 25-2, Table 25-3, Table 25-5 and Table 25-8 gives the range for each AC parameter.
Table 25-2, Table 25-3 and Table 25-9 give the frequency derating formula of the AC parameter
for each speed range description. To calculate each AC symbols. take the x value in the corre-
ponding column (-M) and use this value in the formula.
Example: TLLIU for -M and 20 MHz, Standard clock.
x = 35 ns
T 50 ns
TCCIV = 4T - x = 165 ns
V
CC-0.5V
0.45V
0.7V
CC
0.2V
CC-0.1
T
CLCH
T
CHCL
T
CLCH = TCHCL = 5ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com