Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 62 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 62 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 58Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 59Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 60Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 61Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 62Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 63Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 64Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 65Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 66Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 226 page
background image
Axcelerator Family FPGAs
2- 48
v2.7
Timing Models and Waveforms
Timing Characteristics
Figure 2-32 • R-Cell Delays
E
D
Q
CLR
PRESET
CLK
tSUE
tHE
tSUD
tHD
tRCO
tWASYN
tHASYN
tCLR
tREASYN
tCPWHL
tCPWLH
tPRESET
tWASYN
tHASYN
tREASYN
Table 2-62 • R-Cell
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
R-Cell Propagation Delays
tRCO
Sequential Clock-to-Q
0.67
0.77
0.90
ns
tCLR
Asynchronous Clear-to-Q
0.23
0.27
0.31
ns
tPRESET
Asynchronous Preset-to-Q
0.23
0.27
0.31
ns
tSUD
Flip-Flop Data Input Set-Up
0.23
0.27
0.31
ns
tSUE
Flip-Flop Enable Input Set-Up
0.26
0.30
0.35
ns
tHD
Flip-Flop Data Input Hold
0.00
0.00
0.00
ns
tHE
Flip-Flop Enable Input Hold
0.00
0.00
0.00
ns
tWASYN
Asynchronous Pulse Width
0.43
0.48
0.57
ns
tREASYN
Asynchronous Recovery Time
0.10
0.10
0.10
ns
tHASYN
Asynchronous Removal Time
0.00
0.00
0.00
ns
tCPWHL
Clock Pulse Width High to Low
0.42
0.47
0.55
ns
tCPWLH
Clock Pulse Width Low to High
0.40
0.46
0.54
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com