Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 30 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 30 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 26Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 27Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 28Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 29Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 30Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 31Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 32Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 33Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 34Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 226 page
background image
Axcelerator Family FPGAs
2- 16
v2.7
inputs (e.g. INBUF_LVDS) or a pair of differential
outputs (e.g. OUTBUF_LVPECL).
•
Pull-up and pull-down variations of the INBUF,
BIBUF, and TRIBUF macros. These are available
only with TTL and LVCMOS thresholds. They can
be used to model the behavior of the pull-up and
pull-down resistors available in the architecture.
Whenever an input pin is left unconnected, the
output pin will either go high or low rather than
unknown. This allows users to leave inputs
unconnected without having the negative effect
on simulation of propagating unknowns.
•
DDR_REG macro. It can be connected to any I/O
standard input buffers (i.e. INBUF) to implement a
double data rate register. Designer software will
map it to the I/O module in the same way it maps
the other registers to the I/O module.
Table 2-15, Table 2-16 on page 2-17, and Table 2-17 on
page 2-17
list
all
the
available
macro
names
differentiated by I/O standard, type, slew rate, and drive
strength.
Table 2-15 • Macros for Single-Ended I/O Standards
Standard
VCCI
Macro Names
LVTTL
3.3V
CLKBUF, HCLKBUF
INBUF,
OUTBUF,
OUTBUF_S_8, OUTBUF_S_12, OUTBUF_S_16, OUTBUF_S_24,
OUTBUF_H_8, OUTBUF_H_12, OUTBUF_H_16, OUTBUF_H_24,
TRIBUF,
TRIBUF_S_8, TRIBUF_S_12, TRIBUF_S_16, TRIBUF_S_24,
TRIBUF_H_8, TRIBUF_H_12, TRIBUF_H_16, TRIBUF_H_24,
BIBUF,
BIBUF_S_8, BIBUF_S_12, BIBUF_S_16, BIBUF_S_24,
BIBUF_H_8, BIBUF_H_12, BIBUF_H_16, BIBUF_H_24,
3.3V PCI
3.3V
CLKBUF_PCI, HCLKBUF_PCI,
INBUF_PCI,
OUTBUF_PCI,
TRIBUF_PCI,
BIBUF_PCI
3.3V PCI-X
3.3V
CLKBUF_PCI-X,
HCLKBUF_PCI-X,
INBUF_PCI-X,
OUTBUF_PCI-X,
TRIBUF_PCI-X,
BIBUF_PCI-X
LVCMOS25
2.5V
CLKBUF_LVCMOS25,
HCLKBUF_LVCMOS25,
INBUF_LVCMOS25,
OUTBUF_LVCMOS25,
TRIBUF_LVCMOS25,
BIBUF_LVCMOS25
LVCMOS18
1.8V
CLKBUF_LVCMOS18,
HCLKBUF_LVCMOS18,
INBUF_LVCMOS18,
OUTBUF_LVCMOS18,
TRIBUF_LVCMOS18,
BIBUF_LVCMOS18
LVCMOS15 (JESD8-11)
1.5V
CLKBUF_LVCMOS15,
HCLKBUF_LVCMOS15,
INBUF_LVCMOS15,
OUTBUF_LVCMOS15,
TRIBUF_LVCMOS15,
BIBUF_LVCMOS15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com