Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 23 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 23 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 19Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 20Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 21Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 22Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 23Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 24Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 25Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 26Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 27Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-9
I/O Specifications
Pin Descriptions
Supply Pins
GND
Ground
Low supply voltage.
VCCA
Supply Voltage
Supply
voltage
for
array
(1.5V).
See
"Operating
Conditions" on page 2-1 for more information.
VCCIBx
Supply Voltage
Supply voltage for I/Os. Bx is the I/O Bank ID – 0 to 7. See
"Operating
Conditions"
on
page 2-1
for
more
information.
VCCDA
Supply Voltage
Supply voltage for the I/O differential amplifier and JTAG
and probe interfaces. See "Operating Conditions" on
page 2-1 for more information. VCCDA should be tied to
3.3V.
VCCPLA/B/C/D/E/F/G/H Supply Voltage
PLL analog power supply (1.5V) for internal PLL. There
are eight in each device. VCCPLA supports the PLL
associated with global resource HCLKA, VCCPLB supports
the PLL associated with global resource HCLKB, etc. The
PLL analog power supply pins should be connected to
1.5V whether PLL is used or not.
VCOMPLA/B/C/D/E/F/G/HSupply Voltage
Compensation reference signals for internal PLL. There
are eight in each device. VCOMPLA supports the PLL
associated
with
global
resource
HCLKA,
VCOMPLE
supports the PLL associated with global resource CLKE,
etc. (see Figure 2-2 on page 2-9 for correct external
connection to the supply). The VCOMPLX pins should be
left floating if PLL is not used.
VPUMP
Supply Voltage (External Pump)
In the low power mode, VPUMP will be used to access an
external charge pump (if the user desires to bypass the
internal charge pump to further reduce power). The
device starts using the external charge pump when the
voltage level on VPUMP reaches VIH
1. In normal device
operation, when using the internal charge pump, VPUMP
should be tied to GND.
User-Defined Supply Pins
VREF
Supply Voltage
Reference voltage for I/O banks. VREF pins are configured
by the user from regular I/O pins; VREF pins are not in
fixed locations. There can be one or more VREF pins in an
I/O bank.
Global Pins
HCLKA/B/C/D
Dedicated (Hardwired) Clocks A, B, C
and D
These pins are the clock inputs for sequential modules or
north
PLLs.
Input levels are
compatible
with all
supported I/O standards. There is a P/N pin pair for
support of differential I/O standards. Single-ended clock
I/Os can only be assigned to the P side of a paired I/O.
This input is directly wired to each R-cell and offers clock
speeds independent of the number of R-cells being
driven.
When
the
HCLK
pins
are
unused,
it
is
recommended that they are tied to ground.
CLKE/F/G/H
Routed Clocks E, F, G, and H
These pins are clock inputs for clock distribution
networks or south PLLs. Input levels are compatible with
all supported I/O standards. There is a P/N pin pair for
support of differential I/O standards. Single-ended clock
I/Os can only be assigned to the P side of a paired I/O.
The clock input is buffered prior to clocking the R-cells.
When the CLK pins are unused, Actel recommends that
they are tied to ground.
1. When VPUMP = VIH, it shuts off the internal charge pump. See "Low Power Mode" on page 2-89.
Figure 2-2 • VCCPLX and VCOMPLX Power Supply Connect
1.5V Supply
Axcelerator Chip
0.1µf
10µf
250
Ω
VCCPLX
VCOMPLX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com