Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 69 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 69 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 65Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 66Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 67Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 68Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 69Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 70Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 71Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 72Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 73Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-55
Global Resources
One of the most important aspects of any FPGA
architecture is its global resources or clocks. The
Axcelerator family provides the user with flexible and
easy-to-use global resources, without the limitations
normally found in other FPGA architectures.
The AX architecture contains two types of global
resources, the HCLK (hardwired clock) and CLK (routed
clock). Every Axcelerator device is provided with four
HCLKs and four CLKs for a total of eight clocks,
regardless of device density.
Hardwired Clocks
The hardwired (HCLK) is a low-skew network that can
directly drive the clock inputs of all sequential modules
(R-cells, I/O registers, and embedded RAM/FIFOs) in the
device with no antifuse in the path. All four HCLKs are
available everywhere on the chip.
Timing Characteristics
Table 2-69 • AX125 Dedicated (Hardwired) Array Clock Networks
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
Dedicated (Hardwired) Array Clock Networks
tHCKL
Input Low to High
3.02
3.44
4.05
ns
tHCKH
Input High to Low
3.03
3.46
4.06
ns
tHPWH
Minimum Pulse Width High
0.58
0.65
0.77
ns
tHPWL
Minimum Pulse Width Low
0.52
0.59
0.69
ns
tHCKSW
Maximum Skew
0.06
0.07
0.08
ns
tHP
Minimum Period
1.15
1.31
1.54
ns
tHMAX
Maximum Frequency
870
763
649
MHz
Table 2-70 • AX250 Dedicated (Hardwired) Array Clock Networks
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
Dedicated (Hardwired) Array Clock Networks
tHCKL
Input Low to High
2.57
2.93
3.45
ns
tHCKH
Input High to Low
2.61
2.97
3.50
ns
tHPWH
Minimum Pulse Width High
0.58
0.65
0.77
ns
tHPWL
Minimum Pulse Width Low
0.52
0.59
0.69
ns
tHCKSW
Maximum Skew
0.06
0.07
0.08
ns
tHP
Minimum Period
1.15
1.31
1.54
ns
tHMAX
Maximum Frequency
870
763
649
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com