Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 94 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 94 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 90Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 91Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 92Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 93Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 94Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 95Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 96Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 97Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 98Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 226 page
background image
Axcelerator Family FPGAs
2- 80
v2.7
FIFO
Every memory block has its own embedded FIFO
controller. Each FIFO block has one read port and one
write port. This embedded FIFO controller uses no
internal FPGA logic and features:
•
Glitch-free FIFO Flags
•
Gray-code address counters/pointers to prevent
metastability problems
•
Overflow and underflow control
Both ports are configurable in various sizes from 4k x 1
to 128 x 36, similar to the RAM block size. Each port is
fully synchronous.
Read
and
write
operations
can
be
completely
independent. Data on the appropriate WD pins are
written to the FIFO on every active WCLK edge as long as
WEN is high. Data is read from the FIFO and output on
the appropriate RD pins on every active RCLK edge as
long as REN is asserted.
The FIFO block offers programmable almost-empty
(AEMPTY) and almost-full (AFULL) flags as well as EMPTY
and FULL flags (Figure 2-61):
•
The FULL flag is synchronous to WCLK. It allows
the FIFO to inhibit writing when full.
•
The EMPTY flag is synchronous to RCLK. It allows
the FIFO to inhibit reading at the empty condition.
Gray code counters are used to prevent metastability
problems associated with flag logic. The depth of the
FIFO is dependent on the data width and the number of
memory blocks used to create the FIFO. The write
operations to the FIFO are synchronous with respect to
the WCLK, and the read operations are synchronous with
respect to the RCLK.
The FIFO block may be reset to the empty state.
Figure 2-61 • Axcelerator RAM with Embedded FIFO Controller
CNT 16
E
CNT 16
E
=
=
AFVAL
AEVAL
>
>=
RCLK
WD
WCLK
CLR
FWEN
FREN
DEPTH[3:0]
RD [n-1:0]
WD [n-1:0]
RCLK
WCLK
RA [J:0]
WA [J:0]
REN
WEN
FULL
AEMPTY
AFULL
EMPTY
RD
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com