Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 13 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 13 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 9Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 10Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 11Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 12Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 13Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 14Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 15Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 16Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
Axcelerator Family FPGAs
v2.7
1-7
With the Designer software, a user can lock the design
pins before layout while minimally impacting the results
of place-and-route. Additionally, Actel’s back-annotation
flow is compatible with all the major simulators and the
simulation results can be cross-probed with Silicon
Explorer II, Actel’s integrated verification and logic
analysis tool. Another tool included in the Designer
software is the SmartGen core generator, which easily
creates popular and commonly used logic functions for
implementation into your schematic or HDL design.
Actel's Designer software is compatible with the most
popular FPGA design entry and verification tools from
EDA vendors, such as Mentor Graphics, Synplicity,
Synopsys, and Cadence Design Systems. The Designer
software is available for both the Windows and UNIX
operating systems.
Programming
Programming support is provided through Actel's Silicon
Sculptor II, a single-site programmer driven via a PC-
based GUI. In addition, BP Microsystems offers multi-site
programmers that provide qualified support for Actel
devices. Factory programming is available for high-
volume production needs.
In-System Diagnostic and Debug
Capabilities
The Axcelerator family of FPGAs includes internal probe
circuitry, allowing the designer to dynamically observe
and analyze any signal inside the FPGA without disturbing
normal device operation. Up to four individual signals can
be brought out to dedicated probe pins (PRA/B/C/D) on
the device. The probe circuitry is accessed and controlled
via Silicon Explorer II (Figure 1-9), Actel's integrated
verification and logic analysis tool that attaches to the
serial port of a PC and communicates with the FPGA via
the JTAG port (See "Silicon Explorer II Probe Interface"
on page 2-91).
Summary
Actel’s
Axcelerator
family
of
FPGAs
extends
the
successful SX-A architecture, adding embedded RAM/
FIFOs, PLLs, and high-speed I/Os. With the support of a
suite of robust software tools, design engineers can
incorporate high gate counts and fixed pins into an
Axcelerator design yet still achieve high performance
and efficient device utilization.
Figure 1-9 • Probe Setup
Serial
Connection
Additional 14 Channels
(Logic Analyzer)
Axcelerator FPGAs
Silicon Explorer II
TDI
TCK
TMS
16 Pin
Connection
22 Pin
Connection
PRA
PRB
TDO
CH3/PRC
CH4/PRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com