Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 91 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 91 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 87Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 88Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 89Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 90Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 91Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 92Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 93Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 94Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 95Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-77
Table 2-90 • Four RAM Blocks Cascaded
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
Write Mode
tWDASU
Write Data Setup vs. WCLK
2.37
2.7
3.17
ns
tWDAHD
Write Data Hold vs. WCLK
0.22
0.25
0.3
ns
tWADSU
Write Address Setup vs. WCLK
2.37
2.7
3.17
ns
tWADHD
Write Address Hold vs. WCLK
0.22
0.25
0.3
ns
tWENSU
Write Enable Setup vs. WCLK
2.37
2.7
3.17
ns
tWENHD
Write Enable Hold vs. WCLK
0.22
0.25
0.3
ns
tWCKH
WCLK Minimum High Pulse Width
0.98
1.11
1.31
ns
tWCLK
WCLK Minimum Low Pulse Width
3.273.724.37
ns
tWCKP
WCLK Minimum Period
6.53
7.44
8.75
ns
Read Mode
tRADSU
Read Address Setup vs. RCLK
3.08
3.51
4.13
ns
tRADHD
Read Address Hold vs. RCLK
0.00
0.00
0.00
ns
tRENSU
Read Enable Setup vs. RCLK
3.08
3.51
4.13
ns
tRENHD
Read Enable Hold vs. RCLK
0.00
0.00
0.00
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
2.49
2.83
3.33
ns
tRCK2RD2
RCLK-To-OUT (Non-Pipelined)
3.36
3.82
4.5
ns
tRCLKH
RCLK Minimum High Pulse Width
0.95
1.08
1.27
ns
tRCLKL
RCLK Minimum Low Pulse Width
3.85
4.39
5.16
ns
tRCKP
RCLK Minimum Period
7.7
8.78
10.32
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com