Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 36 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 36 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 32Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 33Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 34Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 35Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 36Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 37Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 38Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 39Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 40Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 226 page
background image
Axcelerator Family FPGAs
2- 22
v2.7
3.3V LVTTL
Low-Voltage Transistor-Transistor Logic is a general purpose standard (EIA/JESD) for 3.3V applications. It uses an LVTTL
input buffer and push-pull output buffer.
AC Loadings
Timing Characteristics
Table 2-19 • DC Input and Output Levels
VIL
VIH
VOL
VOH
IOL
IOH
Min,V
Max,V
Min,V
Max,V
Max,V
Min,V
mA
mA
-0.3
0.8
2.0
3.6
0.4
2.4
24
–24
Figure 2-15 • AC Test Loads
Table 2-20 • AC Waveforms, Measuring Points, and Capacitive Load
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ) (V)
Cload (pF)
0
3.0
1.40
N/A
35
* Measuring Point = Vtrip
R to VCCI for tplz/tpzl
R to GND for tphz/tpzh
35 pF for tpzh/tpzl
5 pF for tphz/tplz
Test Point
Test Point
35 pF
for tristate
R=1k
for tpd
Table 2-21 • 3.3V LVTTL I/O Module
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
LVTTL Output Drive Strength = 1 (8mA) / Low Slew Rate
tDP
Input Buffer
1.72
1.96
2.31
ns
tPY
Output Buffer
14.32
16.31
19.19
ns
tICLKQ
Clock-to-Q for the I/O input register
0.67
0.77
0.90
ns
tOCLKQ
Clock-to-Q for the IO output register and the I/O enable
register
0.67
0.77
0.90
ns
tSUD
Data Input Set-Up
0.23
0.27
0.31
ns
tSUE
Enable Input Set-Up
0.26
0.30
0.35
ns
tHD
Data Input Hold
0.00
0.00
0.00
ns
tHE
Enable Input Hold
0.00
0.00
0.00
ns
tCPWHL
Clock Pulse Width High to Low
0.43
0.48
0.57
ns
tCPWLH
Clock Pulse Width Low to High
0.45
0.51
0.60
ns
tWASYN
Asynchronous Pulse Width
0.43
0.48
0.57
ns
tREASYN
Asynchronous Recovery Time
0.10
0.10
0.10
ns
tHASYN
Asynchronous Removal Time
0.00
0.00
0.00
ns
tCLR
Asynchronous Clear-to-Q
0.23
0.27
0.31
ns
tPRESET
Asynchronous Preset-to-Q
0.23
0.27
0.31
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com