Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 29 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 29 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 25Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 26Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 27Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 28Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 29Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 30Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 31Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 32Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 33Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-15
activated by default to ensure a zero hold-time.
The default setting for this property can be set in
Designer. When the input buffer does not drive a
register, the delay element is deactivated to
provide higher performance. Again, this can be
overridden by changing the default setting for this
property in Designer.
•
The slew-rate value for the LVTTL output buffer
can be programmed and can be set to either slow
or fast.
•
The drive strength value for LVTTL output buffers
can be programmed as well. There are four
different drive strength values – 8mA, 12mA,
16mA, or 24mA – that can be specified in
Designer.5
Using the Differential I/O Standards
Differential I/O macros should be instantiated in the
netlist. The settings for these I/O standards cannot be
changed inside Designer. Please note that there are no
tristated or bidirectional I/O buffers for differential
standards.
Using the Voltage-Referenced I/O Standards
Using these I/O standards is similar to that of single-
ended I/O standards. Their settings can be changed in
Designer.
Using DDR (Double Data Rate)
In Double Data Rate mode, new data is present on every
transition of the clock signal. Clock and data lines have
identical bandwidth and signal integrity requirements,
making it very efficient for implementing very high-
speed systems.
To implement a DDR, users need to:
1. Instantiate an input buffer (with the required I/O
standard)
2. Instantiate the DDR_REG macro (Figure 2-6)
3. Connect the output from the Input buffer to the
input of the DDR macro
Macros for Specific I/O Standards
There are different macro types for any I/O standard or
feature that determine the required VCCI and VREF
voltages for an I/O. The generic buffer macros require
the LVTTL standard with slow slew rate and 24mA-drive
strength. LVTTL can support high slew rate but this
should only be used for critical signals.
Most of the macro symbols represent variations of the six
generic symbol types:
•
CLKBUF: Clock Buffer
•
HCLKBUF: Hardwired Clock Buffer
•
INBUF: Input Buffer
•
OUTBUF: Output Buffer
•
TRIBUF: Tristate Buffer
•
BIBUF: Bidirectional Buffer
Other macros include the following:
•
Differential I/O standard macros: The LVDS and
LVPECL macros either have a pair of differential
Table 2-14 • Bank-Wide Delay Values
Bits Setting
Delay (ns)
Bits Setting
Delay (ns)
0
0.54
16
2.01
1
0.65
17
2.13
2
0.71
18
2.19
3
0.83
19
2.3
4
0.9
20
2.38
5
1.01
21
2.49
6
1.08
22
2.55
7
1.19
23
2.67
8
1.27
24
2.75
9
1.39
25
2.87
10
1.45
26
2.93
11
1.56
27
3.04
12
1.64
28
3.12
13
1.75
29
3.23
14
1.81
30
3.29
15
1.93
31
3.41
Note: Delay values are approximate and will vary with process,
temperature, and voltage.
5. These values are minimum drive strengths.
Figure 2-6 • DDR Register
DQR
QF
D
CLR
PSET
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com