Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 33 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 33 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 29Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 30Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 31Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 32Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 33Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 34Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 35Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 36Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 37Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-19
I/O Standard Electrical Specifications
Table 2-18 • Input Capacitance
Symbol
Parameter
Conditions
Min.
Max.
Units
CIN
Input Capacitance
VIN=0, f=1.0 MHz
10
pF
CINCLK
Input Capacitance on Clock Pin
VIN=0, f=1.0 MHz
10
pF
Figure 2-9 • Input Buffer Delays
Figure 2-10 • Output Buffer Delays
Y
IN
INBUF
PAD
ln
Y
GND
Input High
0V
V
CCA
t
DP
t
DP
Vtrip
Vtrip
50%
50%
(Rising)
(Falling)
ln
ln
Out
GND
50%
50%
TRIBUF
En
En
Out
GND
50%
10%
50%
En
Out
GND
50%
50%
90%
To AC test loads (shown below)
OUT Pad
VTT
tENHZ
tENHZ
VOH
Vtrip
GND/VTT
VTT
VOL
tENLZ
tENLZ
VCCI/VTT
Vtrip
Vtrip
Vtrip
VOH
tPY
tPY
(tDLH)
(tDHL)
VCCA
VCCA
VCCA
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com