Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 71 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 71 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 67Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 68Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 69Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 70Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 71Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 72Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 73Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 74Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 75Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-57
Routed Clocks
The routed clock (CLK) is a low-skew network that can
drive the clock inputs of all sequential modules in the
device (logically equivalent to the HCLK), but has the
added flexibility in that it can drive the S0 (Enable), S1,
PSET, and CLR input of a register (R-cells and I/O
registers) as well as any of the inputs of any C-cell in the
device. This allows CLKs to be used not only as clocks, but
also for other global signals or high fanout nets. All four
CLKs are available everywhere on the chip.
Timing Characteristics
Table 2-74 • AX125 Routed Array Clock Networks
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
Routed Array Clock Networks
tRCKL
Input Low to High
3.08
3.50
4.12
ns
tRCKH
Input High to Low
3.13
3.56
4.19
ns
tRPWH
Minimum Pulse Width High
0.57
0.64
0.75
ns
tRPWL
Minimum Pulse Width Low
0.52
0.59
0.69
ns
tRCKSW
Maximum Skew
0.35
0.39
0.46
ns
tRP
Minimum Period
1.15
1.31
1.54
ns
tRMAX
Maximum Frequency
870
763
649
MHz
Table 2-75 • AX250 Routed Array Clock Networks
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
Routed Array Clock Networks
tRCKL
Input Low to High
2.52
2.87
3.37
ns
tRCKH
Input High to Low
2.59
2.95
3.47
ns
tRPWH
Minimum Pulse Width High
0.57
0.64
0.75
ns
tRPWL
Minimum Pulse Width Low
0.52
0.59
0.69
ns
tRCKSW
Maximum Skew
0.35
0.39
0.46
ns
tRP
Minimum Period
1.15
1.31
1.54
ns
tRMAX
Maximum Frequency
870
763
649
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com