Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 55 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 55 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 51Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 52Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 53Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 54Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 55Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 56Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 57Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 58Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 59Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-41
LVPECL
Low-Voltage Positive Emitter-Coupled Logic (LVPECL) is another differential I/O standard. It requires that one data bit
is carried through two signal lines. Like LVDS, two pins are needed. It also requires external resistor termination. The
voltage swing between these two signal lines is approximately 850 mV.
The LVPECL circuit is similar to the LVDS scheme. It requires four external resistors, three for the driver and one for the
receiver. The values for the three driver resistors are different from that of LVDS since the output voltage levels are
different. Please note that the VOH levels are 200 mV below the standard LVPECL levels.
Figure 2-26 • LVPECL Board-Level Implementation
Table 2-58 • DC Input and Output Levels
DC Parameter
Min.
Typ.
Max.
Units
Min.
Max.
Min.
Max.
Min.
Max.
VCCI
33.3
3.6
V
VOH
1.8
2.11
1.92
2.28
2.13
2.41
V
VOL
0.96
1.27
1.06
1.43
1.3
1.57
V
VIH
1.49
2.72
1.49
2.72
1.49
2.72
V
VIL
0.86
2.125
0.86
2.125
0.86
2.125
V
Differential Input Voltage
0.3
0.3
0.3
V
Table 2-59 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
1.6-0.3
1.6+0.3
1.6
* Measuring Point = Vtrip
187
Ω
100
Ω
ZO=50
Ω
ZO=50
Ω
100
Ω
100
Ω
+
–
P
N
P
N
INBUF_LVPECL
OUTBUF_LVPECL
FPGA
FPGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com