Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 77 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 77 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 73Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 74Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 75Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 76Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 77Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 78Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 79Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 80Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 81Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-63
Axcelerator Clock Management System
Introduction
Each member of the Axcelerator family contains eight
phase-locked loop (PLL) blocks which perform the
following functions:
•
Programmable Delay (32 steps of 250 ps)
•
Clock Skew Minimization
•
Clock Frequency Synthesis
Each PLL has the following key features:
•
Input Frequency Range – 14 to 200 MHz
•
Output Frequency Range – 20 MHz to 1 GHz
•
Output Duty Cycle Range – 45% to 55%
•
Maximum
Long-Term
Jitter
–
1%
or
100ps
(whichever is greater)
•
Maximum Short-Term Jitter – 50ps + 1% of Output
Frequency
•
Maximum Acquisition Time (lock) – 20µs
Physical Implementation
The eight PLL blocks are arranged in two groups of four.
One group is located in the center of the northern edge
of the chip, while the second group is centered on the
southern edge. The northern group is associated with
the four HCLK networks (e.g. PLLA can drive HCLKA),
while the southern group is associated with the four CLK
networks (e.g. PLLE can drive CLKE).
Each PLL cell is connected to two I/O pads and a PLL
Cluster that interfaces with the FPGA core. Figure 2-48
illustrates a PLL block. The VCCPLL pin should be
connected to a 1.5V power supply through a 250
Ω
resistor. Furthermore, 0.1
μF and 10 μF decoupling
capacitors should be connected across the VCCPLL and
VCOMPPLL pins. Note: The VCOMPPLL pin should never be
grounded (Figure 2-2 on page 2-9)!
The I/O pads associated with the PLL can also be
configured for regular I/O functions except when it is
used as a clock buffer. The I/O pads can be configured in
all the modes available to the regular I/O pads in the
same I/O bank. In particular, the [H]CLKxP pad can be
configured as a differential pair, single-ended, or
voltage-referenced standard. The [H]CLKxN pad can only
be used as a differential pair with [H]CLKxP.
The block marked “/i Delay Match” is a fixed delay equal
to that of the i divider. The “/j Delay Match” block has
the same function as its j divider counterpart.
Figure 2-48 • PLL Block Diagram
RefCLK
FB
Lock
6
DIVJ
CLK1
CLK2
FBMuxSel
DelayLine
DIVJ
LowFreq
Osc
56
3
Delay Line
PowerDown
Delay Line
PLL
/i Delay
Match
/j Delay
Match
/i
/j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com