Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896PP Datasheet(PDF) 102 Page - Actel Corporation

Part # AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Datasheet(HTML) 102 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 98Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 99Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 100Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 101Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 102Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 103Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 104Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 105Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 106Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 226 page
background image
Axcelerator Family FPGAs
2- 88
v2.7
Table 2-100 • Eight FIFO Blocks Cascaded
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
FIFO Module Timing
tWSU
Write Setup
5.78
6.58
7.74
ns
tWHD
Write Hold
0.22
0.25
0.3
ns
tWCKH
WCLK High
0.98
1.11
1.31
ns
tWCKL
WCLK Low
6.68
7.6
8.94
ns
tWCKP
Minimum WCLK Period
13.36
15.2
17.88
ns
tRSU
Read Setup
6.75
7.69
9.04
ns
tRHD
Read Hold
0
0
0
ns
tRCKH
RCLK High
0.95
1.08
1.27
ns
tRCKL
RCLK Low
7.51
8.55
10.05
ns
tRCKP
Minimum RCLK period
15.02
17.1
20.1
ns
tCLRHF
Clear High
1.08
1.23
1.45
ns
tCLR2FF
Clear-to-flag (EMPTY/FULL)
2.02
2.3
2.7
ns
tCLR2AF
Clear-to-flag (AEMPTY/AFULL)
4.62
5.26
6.19
ns
tCK2FF
Clock-to-flag (EMPTY/FULL)
2.24
2.55
3
ns
tCK2AF
Clock-to-flag (AEMPTY/AFULL)
5.31
6.05
7.11
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
3.57
4.06
4.77
ns
tRCK2RD2
RCLK-To-OUT (Nonpipelined)
5.48
6.24
7.34
ns
Table 2-101 • Sixteen FIFO Blocks Cascaded
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
FIFO Module Timing
tWSU
Write Setup
16.54
18.84
22.15
ns
tWHD
Write Hold
0.22
0.25
0.3
ns
tWCKH
WCLK High
0.98
1.11
1.31
ns
tWCKL
WCLK Low
17.44
19.86
23.35
ns
tWCKP
Minimum WCLK Period
34.88
39.72
46.7
ns
tRSU
Read Setup
18.13
20.65
24.27
ns
tRHD
Read Hold
0
0
0
ns
tRCKH
RCLK High
0.95
1.08
1.27
ns
tRCKL
RCLK Low
18.75
21.36
25.11
ns
tRCKP
Minimum RCLK period
37.5
42.72
50.22
ns
tCLRHF
Clear High
1.08
1.23
1.45
ns
tCLR2FF
Clear-to-flag (EMPTY/FULL)
2.02
2.3
2.7
ns
tCLR2AF
Clear-to-flag (AEMPTY/AFULL)
4.62
5.26
6.19
ns
tCK2FF
Clock-to-flag (EMPTY/FULL)
2.24
2.55
3
ns
tCK2AF
Clock-to-flag (AEMPTY/AFULL)
5.31
6.05
7.11
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
12.71
14.48
17.03
ns
tRCK2RD2
RCLK-To-OUT (Nonpipelined)
13.91
15.85
18.63
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com