Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 3Page - Linear Technology LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTM8021
7
8021fb
OPERATION
APPLICATIONS INFORMATION
For most applications, the design process is straight
forward, summarized as follows:
1. Refer to Table 1 for the row that has the desired input
range and output voltage.
2. Apply the recommended CIN, COUT, and RADJ values.
3. Connect BIAS as indicated.
While these component combinations have been tested for
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions.
If the desired output voltage is not listed in Table 1, set the
output by applying an RADJ resistor whose value is given
by the equation, RADJ = 80/(VOUT – 0.80), where RADJ is
in k and VOUT is in volts. Verify the LTM8021’s operation
over the system’s intended line, load and environmental
conditions.
Minimum Duty Cycle
The LTM8021 has a fixed 1.1MHz switching frequency. For
any given output voltage, the duty cycle falls as the input
voltage rises. At very large VIN to VOUT ratios, the duty
cycle can be very small. Because the LTM8021’s internal
controller IC has a minimum on-time, the regulator will
skip cycles in order to maintain output voltage regulation.
This will result in a larger output voltage ripple and pos-
sible disturbances during recovery from a transient load
step. The component values provided in Table 1 allow for
skip cycle operation, but hold the resultant output ripple
to around 50mV, or less. If even less ripple is desired,
then more output capacitance may be necessary. Adding
a feedforward capacitor has been empirically shown to
modestly extend the input voltage range to where the
LTM8021 does not skip cycles. Apply the feedforward
capacitor between the VOUT pins and ADJ. This injects
perturbations into the control loop, therefore, values
larger than 50pF are not recommended. A good value to
start with is 12pF.
The LTM8021 is a stand alone non-isolated step down
switching DC/DC power supply. It can deliver up to
500mA of DC output current with only bulk external input
and output capacitors. This module provides a precisely
regulated output voltage programmable via one external
resistor from 0.8VDC to 5VDC. The input voltage range is 3V
to 36V. Given that the LTM8021 is a step down converter,
make sure that the input voltage is high enough to support
the desired output voltage and load current. Please refer
to the simplified Block Diagram.
The LTM8021 contains a current mode controller, power
switching element, power inductor, power Schottky diode
and a modest amount of input and output capacitance.
With its high performance current mode controller and
internal feedback loop compensation, the LTM8021 module
has sufficient stability margin and good transient perfor-
mance under a wide range of operating conditions with a
wide range of output capacitors, even all ceramic ones (X5R
or X7R). Current mode control provides cycle-by-cycle fast
current limit, and automatic current limiting protects the
module in the event of a short-circuit or overload fault.
The LTM8021 is based upon a 1.1MHz fixed frequency
PWM current mode controller, equipped with cycle skip
capability for low voltage outputs or light loads. A fre-
quency foldback scheme helps to protect internal com-
ponents from overstress under heavy and short-circuit
output loads.
The drive circuit for the internal power switching element
is powered through the BIAS pin. Power this pin with at
least 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com