Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 2 Page - Linear Technology

  LTM8021 Datasheet HTML 1Page - Linear Technology LTM8021 Datasheet HTML 2Page - Linear Technology LTM8021 Datasheet HTML 3Page - Linear Technology LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTM8021
2
8021fb
ABSOLUTE MAXIMUM RATINGS
VIN, RUN/SS Voltage.................................................40V
RUN/SS Above VIN......................................................3V
ADJ Voltage ................................................................5V
BIAS Voltage ...............................................................7V
VOUT Voltage .............................................................10V
Internal Operating Temperature
Range (Note 2) ..................................–40°C to 125°C
Maximum Solder Temperature.............................. 260°C
Storage Temperature Range...................–55°C to 125°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
VRUN/SS = 5V, RADJ = Open
3
36
V
VOUT
Output DC Voltage
0 < IOUT < 500mA; RADJ Open
0 < IOUT < 500mA; RADJ = 19.1k, 0.1%
0.8
5
V
V
RADJ(MIN)
Minimum Allowable RADJ
Note 3
18
k
Ω
ILK
Leakage from IN to OUT
RUN/SS = VBIAS = 0V, RADJ Open
2.7
6
μA
IOUT
Continuous Output DC Current
5V ≤ VIN ≤ 36V, VBIAS = VOUT
0
500
mA
IQVIN
Quiescent Current into VIN
RUN/SS = 0.2V, VBIAS, RADJ Open
Not Switching
0.1
1.5
1
2.5
μA
mA
IQBIAS
Quiescent Current into BIAS
Not Switching
0.15
μA
ΔVOUT/VOUT
Line Regulation
5V ≤ VIN ≤ 36V, IOUT = 500mA
RADJ = Open
0.5
%
ΔVOUT/VOUT
Load Regulation
VIN = 24V, 0 ≤ IOUT ≤ 500mA, VBIAS = VOUT
0.35
%
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C, VIN = 10V, VRUN/SS = 10V, VBIAS = 3V, RADJ = 31.6k.
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (NOTE 2)
LTM8021EV#PBF
LTM8021V
35-Lead (11.25mm
× 6.25mm × 2.82mm)
–40°C to 125°C
LTM8021IV#PBF
LTM8021V
35-Lead (11.25mm
× 6.25mm × 2.82mm)
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
PIN CONFIGURATION
VIN
BANK 1
VOUT
BANK 2
GND
BANK 3
ADJ
BIAS
RUN/SS
H
B
AD
C
5
1
2
3
4
EF
LGA PACKAGE
35-LEAD (11.25mm
6.25mm
2.82mm)
G
TOP VIEW
TJMAX = 125°C, θJA = 24.9°C/W, WEIGHT = 0.49g
θJA DERIVED FROM 6.35cm × 6.35cm; 4-LAYER PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com