Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 3 Page - Linear Technology

  LTM8021 Datasheet HTML 1Page - Linear Technology LTM8021 Datasheet HTML 2Page - Linear Technology LTM8021 Datasheet HTML 3Page - Linear Technology LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTM8021
3
8021fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8021E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the full –40°C to 125°C
internal operating temperature range are assured by design, characteriza-
The
l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C, VIN = 10V, VRUN/SS = 10V, VBIAS = 3V, RADJ = 31.6k.
tion and correlation with statistical process controls. The LTM8021I is
guaranteed to meet specifications over the full –40°C to 125°C internal
operating temperature range. Note that the maximum internal temperature
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: Guaranteed by design.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT(DC)
DC Output Voltage
VIN = 24V, 0 ≤ IOUT ≤ 500mA
RADJ = 31.6k, 0.1%
3.3
V
VOUT(AC_RMS)
Output Voltage Ripple (RMS)
VIN = 24V, IOUT = 250mA
COUT = 2.2μF, VBIAS = VOUT
1mV
fSW
Switching Frequency
IOUT = 500mA
0.9
1.1
1.3
MHz
IOSC
Short-Circuit Output Current
VIN = 36V, VBIAS = VOUT = 0V
900
mA
IISC
Short-Circuit Input Current
VIN = 36V, VBIAS = VOUT = 0V
25
mA
ADJ
Voltage at ADJ Pin
RADJ Open
l
0.79
0.80
0.83
V
VBIAS(MIN)
Minimum BIAS Voltage for Proper
Operation
IOUT = 500mA
2.2
3
V
IADJ
Current Out of ADJ Pin
VOUT = 5V, VADJ = 0V, RUN/SS = 0V
50
μA
IRUN/SS
RUN/SS Pin Current
VRUN/SS = 2.5V, RADJ Open
23
μA
VIH(RUN/SS)
RUN/SS Input High Voltage
RADJ Open, IOUT = 500mA
1.6
V
VIL(RUN/SS)
RUN/SS Input Low Voltage
RADJ Open, IOUT = 500mA
0.5
V
RFB
Internal Feedback Resistor
RUN/SS = VBIAS = VADJ = 0V
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com