Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology LTM8021 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTM8021
12
8021fb
APPLICATIONS INFORMATION
High Temperature Considerations
The die temperature of the LTM8021 must be lower than
the maximum rating of 125°C, so care should be taken
in the layout of the circuit to ensure good heat sinking of
the LTM8021. To estimate the junction temperature, ap-
proximate the power dissipation within the LTM8021 by
applying the typical efficiency stated in this datasheet to
the desired output power, or, if one has an actual module,
by taking a power measurement. Then, calculate the tem-
perature rise of the LTM8021 junction above the surface
of the printed circuit board by multiplying the module’s
power dissipation by the thermal resistance. The actual
thermal resistance of the LTM8021 to the printed circuit
board depends on the layout of the circuit board, but the
thermal resistance given on page 2, which is based upon
a 40.3cm2 4-layer FR4 PC board, can be used a guide.
Finally, be aware that at high ambient temperatures the
internal Schottky diode will have significant leakage current
(see the Typical Performance Characteristics) increasing
the quiescent current of the LTM8021.
+
LTM8021
4.7μF
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(5a)
(5b)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
LTM8021
4.7μF
0.1μF
0.7Ω
(5c)
+
LTM8021
4.7μF
22μF
AI.EI.
+
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
DANGER
RINGING VIN MAY EXCEED
ABSOLUTE MAXIMUM RATING
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
8021 F05
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
Figure 5. Ensures Reliable Operation When the LTM8021 is Connected to a Live Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com