Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 1 Page - Linear Technology

  LTM8021 Datasheet HTML 1Page - Linear Technology LTM8021 Datasheet HTML 2Page - Linear Technology LTM8021 Datasheet HTML 3Page - Linear Technology LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTM8021
1
8021fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
36VIN, 500mA
Step-Down DC/DC µModule
The LTM®8021 is a 36VIN 500mA, step-down DC/DC
μModuleTM. Included in the package are the switching
controller, power switches, inductor, and all support
components. Operating over an input voltage range of 3V
to 36V, the LTM8021 supports an output voltage range of
0.8V to 5V, set by a single resistor. Only an output and
bulk input capacitor are needed to finish the design.
The low profile package (2.82mm) enables utilization of
unused space on the bottom of PC boards for high den-
sity point of load regulation. A built-in soft-start timer is
adjustable with just a resistor and capacitor.
The LTM8021 is packaged in a thermally enhanced,
compact (11.25mm
× 6.25mm) and low profile (2.82mm)
overmolded Land Grid Array (LGA) package suitable
for automated assembly by standard surface mount
equipment. The LTM8021 is RoHS compliant.
7VIN to 36VIN, 5V/500mA μModule Regulator
n Complete Switch Mode Power Supply
n Wide Input Voltage Range: 3V to 36V
n 500mA Output Current
n 0.8V to 5V Output Voltage
n Fixed 1.1MHz Switching Frequency
n Current Mode Control
n (e4) RoHS Compliant Package with Gold
Pad Finish
n Programmable Soft-Start
n Tiny, Low Profile (11.25mm
× 6.25mm × 2.82mm)
Surface Mount LGA Package
n Automotive Battery Regulation
n Power for Portable Products
n Distributed Supply Regulation
n Industrial Supplies
n Wall Transformer Regulation
Efficiency and Power Loss
LTM8021
8021 TA01a
VIN*
7V TO
36V
VOUT
5V AT 500mA
1μF
2.2μF
19.1k
RUN/SS
IN
GND
ADJ
BIAS
OUT
*RUNNING VOLTAGE RANGE. PLEASE REFER TO THE
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
μModule is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
0
100
200
300
450
400
50
150
250
350
8021 TA01b
LOAD CURRENT (mA)
1.00
30
40
50
70
60
10.00
100.00
90
80
1000.00
POWER
LOSS
EFFICIENCY


Similar Part No. - LTM8021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8021 LINER-LTM8021 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8021 LINER-LTM8021 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8021 LINER-LTM8021 Datasheet
252Kb / 20P
36VIN, 600mA Step-Down 關Module Converter
LTM8021 LINER-LTM8021 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8021 LINER-LTM8021_15 Datasheet
384Kb / 18P
36VIN, 500mA Step-Down DC/DC Module
More results

Similar Description - LTM8021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
2.5MHz 500mA Step-Down DC/DC Converter
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Linear Technology
LTM8029 LINER-LTM8029 Datasheet
252Kb / 20P
36VIN, 600mA Step-Down 關Module Converter
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM8021 LINER-LTM8021_15 Datasheet
384Kb / 18P
36VIN, 500mA Step-Down DC/DC Module
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com