Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 2Page - Linear Technology LTM8021 Datasheet HTML 3Page - Linear Technology LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTM8021
6
8021fb
PIN FUNCTIONS
VIN (Bank 1): The VIN pin supplies current to the LTM8021’s
internal regulator and to the internal power switch. This
pin must be locally bypassed with an external, low ESR
capacitor of at least 1μF.
VOUT (Bank 2): Power Output Pins. An external capacitor is
connected from VOUT to GND in most applications. Apply
output load between these pins and GND pins.
BIAS (Pin H3): The BIAS pin connects to the internal
boost Schottky diode and to the internal regulator. Tie to
VOUT when VOUT > 3V or to another DC voltage greater
than 3V otherwise. When BIAS > 3V the internal circuitry
will be powered from this pin to improve efficiency. Main
regulator power will still come from VIN.
RUN/SS (Pin A1): Tie RUN/SS pin to ground to shut down
the LTM8021. Tie to 1.6V or more for normal operation.
If the shutdown feature is not used, tie this pin to the VIN
pin. The RUN/SS also provides soft-start and frequency
foldback. To use the soft-start function, connect a resis-
tor and capacitor to this pin. Do not allow the RUN/SS
pin to rise above VIN. See the Applications Information
section.
GND (Bank 3): The GND connections serve as the main
signal return and the primary heatsink for the LTM8021. Tie
the GND pins to a local ground plane below the LTM8021
and the circuit components. Return the feedback divider
to this signal.
ADJ (Pin A2): The LTM8021 regulates its ADJ pin
to 0.8V. Connect the adjust resistor from this pin to
ground. The value of RADJ is given by the equation,
RADJ = 80/(VOUT – 0.8), where RADJ is in k.
VIN
8021 BD
BIAS
CURRENT MODE
CONTROLLER
VOUT
10μF
15pF
10μH
0.1μF
RUN/SS
100k
1%
ADJ
GND
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com