Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 4 Page - Linear Technology

  LTM8021 Datasheet HTML 1Page - Linear Technology LTM8021 Datasheet HTML 2Page - Linear Technology LTM8021 Datasheet HTML 3Page - Linear Technology LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTM8021
4
8021fb
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
IBIAS vs Load Current
IBIAS vs Load Current
IBIAS vs Load Current
IBIAS vs Load Current
TA = 25°C, unless otherwise noted
LOAD CURRENT (mA)
0
60
85
90
100
200
300
50
75
55
80
45
40
70
65
50
150
400
500
250
350
450
8021 G01
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 5V
VOUT = 1.8V
LOAD CURRENT (mA)
0
60
85
90
100
200
300
50
75
55
80
70
65
50
150
400
500
250
350
450
8021 G02
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 5V
VOUT = 2.5V
LOAD CURRENT (mA)
0
60
85
90
100
200
300
75
55
80
70
65
50
150
400
500
250
350
450
8021 G03
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 5V
VOUT = 3.3V
LOAD CURRENT (mA)
0
60
85
90
100
200
300
75
80
70
65
50
150
400
500
250
350
450
8021 G04
VIN = 36V
VIN = 24V
VIN = 12V
VOUT = 5V
LOAD CURRENT (mA)
0
0
2
4
6
100
200
300
400
500
1
3
5
600
8021 G05
VIN = 24V
VIN = 12V
VIN = 5V
VIN = 3.4V
VOUT = 0.8V
LOAD CURRENT (mA)
0
0
2
4
6
100
200
300
400
500
8
1
3
5
7
9
600
8021 G06
VIN = 24V
VIN = 12V
VIN = 5V
VIN = 3.4V
VOUT = 1.8V
LOAD CURRENT (mA)
0
0
2
4
6
100
200
300
400
500
8
1
3
5
7
600
8021 G07
VIN = 24V
VIN = 12V
VIN = 5V
VOUT = 2.5V
LOAD CURRENT (mA)
0
0
2
4
6
100
200
300
400
500
8
10
1
3
5
7
9
600
8021 G08
VIN = 24V
VIN = 12V
VIN = 5V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com