Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 5 Page - Linear Technology

  LTM8021 Datasheet HTML 1Page - Linear Technology LTM8021 Datasheet HTML 2Page - Linear Technology LTM8021 Datasheet HTML 3Page - Linear Technology LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTM8021
5
8021fb
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current
Input Current vs Output Current
Input Quiescent Current
vs Input Voltage
Minimum Input Running Voltage
vs Output Voltage
TA = 25°C, unless otherwise noted
Input Current vs Output Current
Output Short-Circuit Current
vs Input Voltage
OUTPUT CURRENT (mA)
0
100
350
400
100
200
300
0
250
50
300
200
150
50
150
400
500
250
350
450
8021 G09
VIN = 5V
VOUT = 1.8V
VOUT = 3.3V
VOUT = 2.5V
OUTPUT CURRENT (mA)
0
100
300
100
200
300
0
250
50
200
150
50
150
400
500
250
350
450
8021 G10
VIN = 12V
VOUT = 1.8V
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
OUTPUT CURRENT (mA)
0
40
140
100
200
300
0
100
20
120
80
60
50
150
400
500
250
350
450
8021 G11
VIN = 24V
VOUT = 1.8V
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
INPUT VOLTAGE (V)
0
1000
3000
10
20
30
0
2500
500
2000
1500
5
15
40
25
35
8021 G12
VO = 3.3V
OUTPUT VOLTAGE (V)
0
0
2
4
6
1
2
345
1
3
5
7
6
8021 G13
IOUT = 500mA
INPUT VOLTAGE (V)
4
840
860
880
32
820
800
12
20
8
16
24
36
28
740
720
780
900
760
8021 G14
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com