Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology LTM8021 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTM8021
13
8021fb
TYPICAL APPLICATIONS
0.8V Step-Down Converter
LTM8021
8021 TA02
VIN*
3.4V TO 36V
5V
VOUT
0.8V AT 500mA
1μF
100μF
RUN/SS
VIN
BIAS
VOUT
GND
ADJ
*RUNNING VOLTAGE RANGE. PLEASE REFER TO THE
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS.
1.8V Step-Down Converter
5V Step-Down Converter
LTM8021
8021 TA04
VIN*
7V TO 36V
VOUT
5V AT 500mA
1μF
*RUNNING VOLTAGE RANGE. PLEASE REFER TO THE
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS.
2.2μF
19.1k
RUN/SS
BIAS
GND
ADJ
VIN
VOUT
LTM8021
8021 TA03
VIN*
3.4V TO 36V
VOUT
1.8V AT 500mA
1μF
100μF
78.7k
RUN/SS
BIAS
GND
ADJ
5V
VIN
VOUT
*RUNNING VOLTAGE RANGE. PLEASE REFER TO THE
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS.
–5V Positive-to-Negative Converter
Load Current vs Input Voltage
LTM8021
8021 TA05
VIN*
3.75V TO 31V
1μF
–5V
4.7μF
OPTIONAL
SCHOTTKY
CLAMP
19.1k
RUN/SS
BIAS
GND
ADJ
VIN
VOUT
*RUNNING VOLTAGE RANGE. PLEASE REFER TO THE
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS.
VIN (V)
0
400
500
300
200
10
20
5
15
25
100
0
600
8021 TA05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com