Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology LTM8021 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTM8021
16
8021fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1208 REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTM4600
10A DC/DC μModule
Basic 10A DC/DC μModule, 15mm
× 15mm × 2.8mm LGA
LTM4600HVMPV
Military Plastic 10A DC/DC μModule
–55°C to 125°C Operation, 15mm
× 15mm × 2.8mm LGA
LTM4601/
LTM4601A
12A DC/DC μModule with PLL, Output Tracking/Margining
and Remote Sensing
Synchronizable, PolyPhase® Operation, LTM4601-1 Version Has No
Remote Sensing
LTM4602
6A DC/DC μModule
Pin-Compatible with the LTM4600
LTM4603
6A DC/DC μModule with PLL and Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version Has No
Remote Sensing, Pin-Compatible with the LTM4601
LTM4604
4A Low VIN DC/DC μModule
2.375V ≤ VIN ≤ 5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.3mm LGA
LTM4605
5A to 12A Buck-Boost μModule
High Efficiency, Adjustable Frequency, 4.5V ≤ VIN ≤ 20V, 0.8V ≤ VOUT ≤
16V, 15mm
× 15mm × 2.8mm
LTM4607
5A to 12A Buck-Boost μModule
High Efficiency, Adjustable Frequency, 4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤
25V, 15mm
× 15mm × 2.8mm
LTM4608
8A Low VIN DC/DC μModule
2.375V ≤ VIN ≤ 5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.8mm LGA
LTM8020
36V, 200mA DC/DC μModule
4V ≤ VIN ≤ 36V, 1.25V ≤ VOUT ≤ 5V, 6.25mm × 6.25mm × 2.3mm LGA
LTM8022
1A, 36V DC/DC μModule
Adjustable Frequency, 0.8V ≤ VOUT ≤ 5V, 11.25mm × 9mm × 2.82mm,
Pin-Compatible to the LTM8023
LTM8023
2A, 36V DC/DC μModule
Adjustable Frequency, 0.8V ≤ VOUT ≤ 5V, 11.25mm × 9mm × 2.82mm,
Pin-Compatible to the LTM8022
PolyPhase is a trademark of Linear Technology Corporation
3.3V Step-Down Converter
TYPICAL APPLICATION
LTM8021
8021 TA06
VIN*
5.5V TO 36V
VOUT
3.3V AT 500mA
1μF
4.7μF
32.4k
RUN/SS
BIAS
GND
ADJ
VIN
VOUT
*RUNNING VOLTAGE RANGE. PLEASE REFER TO THE
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com