Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTM8021
8
8021fb
APPLICATIONS INFORMATION
Table 1. Recommended Component Values and Configuration
VIN RANGE
VOUT
CIN
COUT
RADJ
BIAS
3.4V to 36V
0.8V
4.7μF
100μF 1210
8.2M
3V to 7V
3.4V to 36V
1.2V
4.7μF
100μF 1210
200k
3V to 7V
3.4V to 36V
1.5V
4.7μF
100μF 1210
115k
3V to 7V
3.4V to 36V
1.8V
2.2μF
100μF 1210
78.7k
3V to 7V
3.5V to 36V
2V
2.2μF
100μF 1210
66.5k
3V to 7V
4V to 36V
2.2V
1μF
22μF 1206
57.6k
3V to 7V
4V to 36V
2.5V
1μF
10μF 0805
47.5k
3V to 7V
5V to 36V
3.3V
1μF
4.7μF 0805
32.4k
VOUT
7V to 36V
5V
1μF
2.2μF 0805
19.1k
VOUT
3.5V to 32V
–3.3V
1μF
4.7μF 0805
32.4k
GND
3.75V to 31V
–5V
1μF
4.7μF 0805
19.1k
GND
3.4V to 15V
0.8V
4.7μF
100μF 1210
8.2M
3V to 7V
3.4V to 15V
1.2V
4.7μF
100μF 1210
200k
3V to 7V
3.4V to 15V
1.5V
4.7μF
47μF 1206
115k
3V to 7V
3.4V to 15V
1.8V
2.2μF
47μF 1206
78.7k
3V to 7V
3.5V to 15V
2V
2.2μF
22μF 1206
66.5k
3V to 7V
4V to 15V
2.2V
1μF
22μF 1206
57.6k
3V to 7V
4V to 15V
2.5V
1μF
10μF 0805
47.5k
3V to 7V
5V to 15V
3.3V
1μF
2.2μF 0805
32.4k
VOUT
7V to 15V
5V
1μF
1μF 0805
19.1k
VOUT
9V to 24V
0.8V
1μF
100μF 1210
Open
3V to 7V
9V to 24V
1.2V
1μF
100μF 1210
200k
3V to 7V
9V to 24V
1.5V
1μF
47μF 1206
115k
3V to 7V
9V to 24V
1.8V
1μF
47μF 1206
78.7k
3V to 7V
9V to 24V
2V
1μF
22μF 1206
66.5k
3V to 7V
9V to 24V
2.2V
1μF
22μF 1206
57.6k
3V to 7V
9V to 24V
2.5V
1μF
10μF 0805
47.5k
3V to 7V
9V to 24V
3.3V
1μF
2.2μF 0805
32.4k
VOUT
9V to 24V
5V
1μF
1μF 0805
19.1k
VOUT
18V to 36V
0.8V
1uF
100μF 1210
Open
3V to 7V
18V to 36V
1.2V
1uF
100μF 1210
200k
3V to 7V
18V to 36V
1.5V
1uF
100μF 1210
115k
3V to 7V
18V to 36V
1.8V
1uF
100μF 1210
78.7k
3V to 7V
18V to 36V
2V
1uF
100μF 1210
66.5k
3V to 7V
18V to 36V
2.2V
1uF
22μF 1206
57.6k
3V to 7V
18V to 36V
2.5V
1uF
10μF 0805
47.5k
3V to 7V
18V to 36V
3.3V
1uF
4.7μF 0805
32.4k
VOUT
18V to 36V
5V
1uF
2.2μF 0805
19.1k
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com