Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTM8021
9
8021fb
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response or
fault recovery, if it is necessary. Again, it is incumbent
upon the user to verify proper operation over the intended
system’s line, load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are also piezoelectric. At light loads,
the LTM8021 skips switching cycles in order to maintain
regulation. The resulting bursts of current can excite
a ceramic capacitor at audio frequencies, generating
audible noise.
If this audible noise is unacceptable, use a high performance
electrolytic capacitor at the output. This output capacitor
can be a parallel combination of a 1μF ceramic capacitor
and a low cost electrolytic capacitor.
A final precaution regarding ceramic capacitors con-
cerns the maximum input voltage rating of the LTM8021.
A ceramic input capacitor combined with trace or cable
inductance forms a high Q (under damped) tank circuit.
If the LTM8021 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.
Minimum Input Voltage
The LTM8021 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. For most applications at full load, the input
must be about 1.5V above the desired output. In addition,
it takes more input voltage to turn on than is required for
continuous operation. This is shown in Figure 1.
APPLICATIONS INFORMATION
Figure 1. The LTM8021 Requires More Voltage to Start Than to Run
LOAD CURRENT (A)
0.001
2.0
3.0
4.0
5.0
0.01
0.1
6.0
2.5
3.5
4.5
5.5
1
8021 F01
VOUT = 3.3V
TO START
TO RUN
LOAD CURRENT (A)
0.001
2
3
4
6
5
0.01
0.1
8
7
1
VOUT = 5V
RUN/SS
ENABLED
RUN/SS
ENABLED
TO START
TO RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com