Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTM8021
11
8021fb
APPLICATIONS INFORMATION
CIN
VIN
COUT
FB
GND
VOUT
RUN/SS
RADJ
PLANE
8021 F04
Figure 4. Layout Showing Suggested External Components,
GND Plane and Thermal Vias
PCB Layout
Most of the problems associated with the PCB layout
have been alleviated or eliminated by the high level of
integration of the LTM8021. The LTM8021 is nevertheless
a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, one may fail to achieve a specified
operation with a haphazard or poor layout. See Figure 4
for a suggested layout.
Ensure that the grounding and heatsinking are acceptable.
A few rules to keep in mind are:
1. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8021.
2. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8021.
3. Place the CIN and COUT capacitors such that their ground
currents flow directly adjacent to, or underneath, the
LTM8021.
4. Connect all of the GND connections to as large a
copper pour or plane area as possible on the top layer.
Avoid breaking the ground connection between the
external components and the LTM8021.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8021. However, these capacitors
can cause problems if the LTM8021 is plugged into a live
supply (see the Linear Technology Application Note 88 for
a complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an under damped tank circuit, and the volt-
age at the VIN pin of the LTM8021 can ring to twice the
nominal input voltage, possibly exceeding the LTM8021’s
rating and damaging the part. If the input supply is poorly
controlled or the user will be plugging the LTM8021 into
an energized supply, the input network should be designed
to prevent this overshoot. Figure 5 shows the waveforms
that result when an LTM8021 circuit is connected to a 24V
supply through six feet of 24-gauge twisted pair. The first
plot is the response with a 2.2μF ceramic capacitor at the
input. The input voltage rings as high as 35V and the input
current peaks at 20A. One method of damping the tank
circuit is to add another capacitor with a series resistor to
the circuit. In Figure 5b an aluminum electrolytic capacitor
has been added. This capacitor’s high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low frequency
ripple filtering and can slightly improve the efficiency of
the circuit, though it is likely to be the largest component
in the circuit. An alternative solution is shown in Figure
5c. A 0.7
Ω resistor is added in series with the input to
eliminate the voltage overshoot (it also reduces the peak
input current). A 0.1μF capacitor improves high frequency
filtering. This solution is smaller and less expensive than
the electrolytic capacitor. For high input voltages its impact
on efficiency is minor, reducing efficiency less than one half
percent for a 5V output at full load operating from 24V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com