Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 3Page - Linear Technology LTC2924IGN Datasheet HTML 4Page - Linear Technology LTC2924IGN Datasheet HTML 5Page - Linear Technology LTC2924IGN Datasheet HTML 6Page - Linear Technology LTC2924IGN Datasheet HTML 7Page - Linear Technology LTC2924IGN Datasheet HTML 8Page - Linear Technology LTC2924IGN Datasheet HTML 9Page - Linear Technology LTC2924IGN Datasheet HTML 10Page - Linear Technology LTC2924IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2924
7
2924fa
The LTC2924 is a power supply sequencer designed for
use with external N-channel MOSFETs or power supplies
with shutdown pins. Four power supplies can be fully se-
quenced by a single LTC2924 (see Figure 1). An internally
regulated charge pump provides (VCC + 5V) gate voltages
for driving external logic-level and sub-logic level MOS-
FETs. Adding a single capacitor enables an adjustable time
delay between power supplies during both Power On and
Power Off sequencing. A second capacitor can be added
to enable a power good timer which detects the failure of
any power supply to turn on within the set time.
The ON pin signal is used to command the LTC2924
to start the Power On and Power Down sequences. To
command the Power On sequence, the ON pin is pulled
above 0.61V by a system controller or a resistive divider
from a power supply. A voltage comparator senses the
ON command and signals the sequencing logic to start
the Power On sequence.
When the Power On sequence starts, the TMR grounding
switch is released and a 5µA current source charges an
external capacitor, CTMR(see Figure 2). When the voltage
on this capacitor exceeds 1V, a comparator signals the
OPERATIO
Figure 1. Power On and Power Off Sequence for Four Supplies
DONE
*TMR IS CAPACITOR ADJUSTABLE
0V
ON
TMR*
VPS2(ON)
VPS3(ON)
VPS4(ON)
VPS1(ON)
PS1
PS3
PS2
PS4
VPS4(OFF)
VPS3(OFF)
VPS2(OFF)
2924 F01
VPS1(OFF)
Figure 2. On Sequence for Four Supplies
ON
TMR
OUT1
0.61V
0.61V
1V
OUT2
OUT3
OUT4
IN1
IN2
IN3
IN4
DONE
0.61V
0.61V
0.61V
2924 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com