Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 4Page - Linear Technology LTC2924IGN Datasheet HTML 5Page - Linear Technology LTC2924IGN Datasheet HTML 6Page - Linear Technology LTC2924IGN Datasheet HTML 7Page - Linear Technology LTC2924IGN Datasheet HTML 8Page - Linear Technology LTC2924IGN Datasheet HTML 9Page - Linear Technology LTC2924IGN Datasheet HTML 10Page - Linear Technology LTC2924IGN Datasheet HTML 11Page - Linear Technology LTC2924IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2924
8
2924fa
OPERATIO
logic, which starts the charge pump and enables OUT1
to turn on the first power supply. The power good timer
circuit is also enabled by turning off the switch that is
shorting the external capacitor to ground and enabling a
5µA current source to charge the CPGT capacitor.
The output circuit responds by opening a switch, which
is shorting the OUT1 pin to ground and enabling a 10µA
current source, which is connected to the charge pump.
The OUT1 pin can be connected to either the shutdown
pin of a power supply or the gate of a N-channel MOSFET
that is in series with the output of the sequenced power
supply.
As the power supply turns on, the resistive divider con-
nected to the IN1 pin starts to drive up the voltage at the
IN1 pin. When the voltage at this pin exceeds 0.61V, the
comparator signals the logic that the first power supply is
on.AtthistimeacurrentissourcedoutoftheIN1pinwhich
serves as the hysteresis current for the input comparator.
This allows the application to choose a lower Power Off
voltage sense during the Power Off sequence. The power
good timer (PGT) circuit is signaled and resets the PGT
capacitor.Thetimercircuitisenabledandthecyclerepeats
until the last power supply has turned on.
When the last power supply has turned on, the DONE pin
pull-down switch is turned on to signal that the Power On
sequence has completed.
If a power supply fails to turn on after it is enabled and
the voltage at the PGT pin exceeds 1V, the LTC2924 will
disable all power supplies by pulling all OUT pins to
ground. A fault condition will be indicated by the FAULT
pin pulling low.
The hysteresis current sourced at the ON pin and each IN
pin is set at the HYS/CFG pin. The current is determined
by an external resistor nominally pulled to ground. The
hysteresis current is 0.5V/RHYS.
The Power Off sequence is initiated by pulling the ON pin
below 0.61V after a Power On sequence has completed
(see Figure 3). The Power Off sequence turns off the power
supplies in the reverse order of the Power On sequence.
OUT4isturnedofffirst.Thetimerfunctionisusedbetween
each supply being sequenced down. The PGT is not used.
The end of the Power Off sequence is indicated by the
LTC2924 floating the DONE pin.
Figure 3. 4-Power Supply Power Off Sequence
ON
TMR
OUT4
0.61V
0.61V
OUT3
OUT2
OUT1
IN4
IN3
IN2
IN1
DONE
0.61V
0.61V
0.61V
2924 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com