Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 12Page - Linear Technology LTC2924IGN Datasheet HTML 13Page - Linear Technology LTC2924IGN Datasheet HTML 14Page - Linear Technology LTC2924IGN Datasheet HTML 15Page - Linear Technology LTC2924IGN Datasheet HTML 16Page - Linear Technology LTC2924IGN Datasheet HTML 17Page - Linear Technology LTC2924IGN Datasheet HTML 18Page - Linear Technology LTC2924IGN Datasheet HTML 19Page - Linear Technology LTC2924IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC2924
18
2924fa
OUT1
OUT2
OUT3
OUT4
ON
DONE
FAULT
TMR
PGT
IN1
IN2
IN3
IN4
HYS/CFG
LTC2924
VCC
GND
150nF
2924 TA06a
SYSTEM
CONTROLLER
150nF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
11.8k
52.3k
10k
0.1
µF
Q4
Q3
Q2
Q1
45.3k 6.04k
7k
1.36k
7.68k
1.69k
Q1-Q4: IRL3714S
ALL RESISTORS 1%
VON – 4.5V
VOFF – 3.9V
VON = 2.79V
VOFF = 2.73V
VON = 4.21V
VOFF = 3.76V
VON = 3.32V
VOFF = 2.80V
49.9k
100k
10k
5V
EARLY
10k
5V
3V
–5V
–
+
2N3906 SOT-23
LM321
1M
TYPICAL APPLICATIO S
Precision Negative Rail Sequencer
2V/DIV
5V/DIV
10ms/DIV
2924 TA07b
5V
–5V
3.3V
ON
TMR
DONE
5V/DIV
2V/DIV
Power-Up Sequence
2V/DIV
5V/DIV
10ms/DIV
2924 TA07c
5V
–5V
3.3V
ON
TMR
DONE
5V/DIV
2V/DIV
Power-Down Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com