Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 12Page - Linear Technology LTC2924IGN Datasheet HTML 13Page - Linear Technology LTC2924IGN Datasheet HTML 14Page - Linear Technology LTC2924IGN Datasheet HTML 15Page - Linear Technology LTC2924IGN Datasheet HTML 16Page - Linear Technology LTC2924IGN Datasheet HTML 17Page - Linear Technology LTC2924IGN Datasheet HTML 18Page - Linear Technology LTC2924IGN Datasheet HTML 19Page - Linear Technology LTC2924IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2924
20
2924fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2005
LT/LT 1005 REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC2920-1/ LTC2920-2
Single/Dual Power Supply Margining Controller
Symmetric/Asymmetric High and Low Voltage Margining
LTC2921/LTC2922
Power Supply Tracker with Input Monitors
3 (LTC2921) or 5 (LTC2922) Remote Sense Switching
LTC2923
Power Supply Tracking Controller
Up to 3 Supplies
LTC2925
Multiple Power Supply Tracking Controller
Power Good Timer, Remote Sense Switch
LTC2926
Master Controlled Power Supply Tracker
Closed Loop (Feedback) Tracking for 3 Supplies
LTC2927
Single Power Supply Tracker
For Point of Load or Distributed Applications
TYPICAL APPLICATIO
RELATED PARTS
12V 3-Supply Sequencer with LTC2924 Power Supplied by a Zener Shunt Regulator
OUT4
IN4
OUT3
IN3
OUT2
IN2
OUT1
IN1
DONE
FAULT
LTC2924
ON
VCC
HYS/CFG
TMR
PGT
GND
2.5V
VIN
SHDN
3.3V
VIN
SHDN
1.2V
VIN
SHDN
SYSTEM
12V
SUPPLY
RESET_B
VCC1
VCC2
µC
VCC1
VCC2
FPGA
VCC1
VCC2
ASIC
VCC
VCC
2924 TA08
12V
1k
1.24k
ON
≥ 1.1V, OFF ≤ 1.09V
ON
≥ 3V, OFF ≤ 2.8V
ON
≥ 2.2V, OFF ≤ 2V
20k
5.11k
20k
7.68k
10k
10k
49.9k
2.94k
1.5k
5.1V
ZENER
BZX84C5V1
0.1
µF
49.9k
150nF
150nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com