Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC2924IGN Datasheet HTML 1Page - Linear Technology LTC2924IGN Datasheet HTML 2Page - Linear Technology LTC2924IGN Datasheet HTML 3Page - Linear Technology LTC2924IGN Datasheet HTML 4Page - Linear Technology LTC2924IGN Datasheet HTML 5Page - Linear Technology LTC2924IGN Datasheet HTML 6Page - Linear Technology LTC2924IGN Datasheet HTML 7Page - Linear Technology LTC2924IGN Datasheet HTML 8Page - Linear Technology LTC2924IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2924
3
2924fa
ICC vs VCC
VOUT(EN) vs IOUT
VOUT(EN) vs VCC
TYPICAL PERFOR A CE CHARACTERISTICS
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3V to 6V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Hysteresis current must be 500nA minimum. Hysteresis current
may exceed 50µA, but accuracy is not guaranteed.
Note 3: HYS/CFG pin must be pulled to GND or VCC with an external
resistor. See Applications Information for details.
Note 4: Determined by design, not production tested. External circuits
pulling down on the FAULT pin must maintain the signal below VFAULT(LO)
for ≥1µs.
Note 5: Internal circuits may drive the OUTn pins higher than the Absolute
Maximum Ratings.
Note 6: RIN is the parallel combination of the two resistors forming the
resistive divider connected to the ON and IN1-IN4 pins.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TMR Characteristics
ITMR
Timer Pin Output Current
Timer On, VTMR ≤ 0.9V
●
4
5
6
µA
VTH(HI)
Timer High Voltage Threshold
VCC = 5V
0.93
1
1.07
V
PGT Characteristics
IPGT
Power Good Timer Pin Output Current
Power Good Timer On, VPGT ≤ 0.9V
●
4
5
6
µA
VPGT
Power Good Timer Fault Detected
VCC = 5V
0.93
1
1.07
V
Voltage Threshold
DONE Characteristics
RD(LO)
DONE Pin Pull-Down Resistance to GND
DONE = Low, I = 2mA
●
100
Ω
ID(HI)
DONE Pin Off Leakage Current
DONE = High
●
15
µA
FAULT Characteristics
RFAULT (LO)
FAULT Pin Pull-Down Resistance to GND
FAULT Being Pulled Low Internally,
●
400
Ω
I = 2mA
IFAULT(HI)
FAULT Pin Off Leakage Current
FAULT High
●
2
µA
VFAULT(HI)
Voltage Above Which an Externally Generated
●
1.6
V
FAULT Condition Will Not be Detected
VFAULT(LO)
Voltage Below Which an Externally Generated
●
0.6
V
FAULT Condition Will be Detected
RF(EXT)
External Pull-Up Resistance
●
10
kΩ
tFAULT
Externally Commanded FAULT Below VFAULT(LO)
●
1
µs
to OUT1-OUT4 Pull-Down On Delay
tFAULT(MIN)
Externally Commanded FAULT Minimum Time
(Note 4)
1
µs
Below VFAULT(LO)
VCC (V)
3
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
4.5
5.5
2924 G01
3.5
4
5
6
IOUT1-4 = –10µA
RHYS = 51k
ON HIGH
ON LOW
IOUT (µA)
0
14
12
10
8
6
4
2
0
6
10
2924 G02
2
4
8
12
VCC = 6V
ONE OUTPUT DRIVING CURRENT
VCC = 3V
VCC (V)
2
9
10
6
2924 G03
8
7
3
4
5
12
11
IOUT1-4 < 1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com