Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2924IGN Datasheet HTML 1Page - Linear Technology LTC2924IGN Datasheet HTML 2Page - Linear Technology LTC2924IGN Datasheet HTML 3Page - Linear Technology LTC2924IGN Datasheet HTML 4Page - Linear Technology LTC2924IGN Datasheet HTML 5Page - Linear Technology LTC2924IGN Datasheet HTML 6Page - Linear Technology LTC2924IGN Datasheet HTML 7Page - Linear Technology LTC2924IGN Datasheet HTML 8Page - Linear Technology LTC2924IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2924
1
2924fa
Quad Power Supply
Sequencer
The LTC®2924 is a power supply sequencer designed for
use with external N-channel MOSFETs or power supplies
with shutdown pins. Four power supplies can be fully
sequenced by a single LTC2924 and up to five supplies
can be sequenced to a sixth master supply. The LTC2924
requires a minimum of external components, using only
two feedback resistors per sequenced power supply and
a single resistor to set hysteresis.
An internally regulated charge pump provides gate drive
voltages for external logic and sub-logic-level MOSFETs.
Adding a single capacitor enables an adjustable time delay
between power supplies during both Power On and Power
Offsequencing.Asecondcapacitorcanbeaddedtoenable
a power good timer for detecting the failure of any power
supply to turn on within the selected time. Errors in power
supply sequencing and the control input are detected and
reported at the FAULT output. The LTC2924 features pre-
cision input comparators which can provide 1% accuracy
in monitoring power supply voltages.
Multiple LTC2924s may be easily cascaded to sequence
a virtually unlimited number of power supplies.
Power-Up Sequence
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
■
Fully Sequence and Monitor Four Supplies
– Six with Minimal External Circuitry
■
Cascadable for Additional Supplies
■
Power Off in Reverse Order or Simultaneously
■
Charge Pump Drives External MOSFETs
■
Drives Power Supply Shutdown Pins with No
External Pull-Up Resistors
■
10µA Output Current Allows Soft-Starting of Supplies
■
Done Indicator for Both Power On and Power Off
■
Adjustable Time Delay Between Power Supplies
■
Power Good Timer
■
Power Supply Voltage Monitoring and Power
Sequence Error Detection and Reporting
■
Available in a 16-Lead Narrow SSOP Package
■
Sequenced Power Supplies for ASICs with Multiple
I/O and Core Voltages
■
Latch-Up Prevention in Systems with Multiple Power
Supplies
APPLICATIO S
OUT1
OUT2
OUT3
OUT4
ON
DONE
FAULT
TMR
PGT
IN1
IN2
IN3
IN4
HYS/CFG
LTC2924
VCC
GND
150nF
2924 TA01a
SYSTEM
CONTROLLER
150nF
1.69k
6.04k
0.1
µF
Q1
Q2
100k
1.62k
66.5k
18.2k
3.09k
Q1-Q4: IRL3714S
ALL RESISTORS 1%
20k
VON = 2.64V
VOFF = 1.98V
VON = 0.93V
VOFF = 0.915V
VON = 3.97V
VOFF = 2.97V
VON = 2.79V
VOFF = 2.73V
49.9k
10k 10k
5V
3V
1V
3.3V
SHDN
5V
SHDN
5V EARLY
2V/DIV
2V/DIV
10ms/DIV
2924 TA01b
5V
3V
1V
3.3V
ON
TMR
DONE
5V/DIV
5V/DIV
2V/DIV
2V/DIV
10ms/DIV
2924 TA01c
5V
3V
1V
3.3V
ON
TMR
DONE
5V/DIV
5V/DIV
Power-Down Sequence


Similar Part No. - LTC2924IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2924 LINER-LTC2924 Datasheet
365Kb / 22P
Quad Power Supply Sequencer
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
Quad Power Supply Sequencer
More results

Similar Description - LTC2924IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2928 LINER-LTC2928 Datasheet
5Mb / 32P
Multichannel Power Supply Sequencer and Supervisor
logo
Intersil Corporation
ISL8700 INTERSIL-ISL8700 Datasheet
295Kb / 13P
Adjustable Quad Sequencer
March 21, 2008
logo
Maxim Integrated Produc...
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
logo
Intersil Corporation
ISL8700AIBZ INTERSIL-ISL8700AIBZ Datasheet
289Kb / 12P
Adjustable Quad Sequencer
ISL8702IBZ-T INTERSIL-ISL8702IBZ-T Datasheet
295Kb / 13P
Adjustable Quad Sequencer
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
Quad Power Supply Sequencer
logo
Texas Instruments
UCD90160 TI1-UCD90160_15 Datasheet
2Mb / 52P
16-Rail Power Supply Sequencer
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
Adjustable Quad Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
Adjustable Quad Sequencer
October 12, 2006
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
Adjustable Quad Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com