Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 12Page - Linear Technology LTC2924IGN Datasheet HTML 13Page - Linear Technology LTC2924IGN Datasheet HTML 14Page - Linear Technology LTC2924IGN Datasheet HTML 15Page - Linear Technology LTC2924IGN Datasheet HTML 16Page - Linear Technology LTC2924IGN Datasheet HTML 17Page - Linear Technology LTC2924IGN Datasheet HTML 18Page - Linear Technology LTC2924IGN Datasheet HTML 19Page - Linear Technology LTC2924IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2924
17
2924fa
TYPICAL APPLICATIO S
OUT4
OUT3
OUT2
OUT1
ON
FAULT
DONE
TMR
VCC
IN4
IN3
IN2
IN1
PGT
HYS
GND
LTC2924
DC/DC
3.3V
Q2
10k 10k
150nF
0.1
µF
1M
PARASITIC
RESISTANCE
D1
Q1
SYSTEM
CONTROLLER
SHDN
5V
SENSE+
MODULE
OUT+
VOUT
3.3V
VOUT
5V
VON ≥ 4.64V
VOFF ≤ 4V
VON ≥ 2.98V
VOFF ≤ 2.65V
49.9k
D1: 1N5711
Q1, Q2: IRL3714S
9.83k
64.9k
33.2k
8.55k
150nF
2924 TA05a
Power-On
Power-Off
2-Supply Sequencer with Delayed Sense Pin, One Channel Unused
1V/DIV
2V/DIV
25ms/DIV
2924 TA05b
5V
3.3V
ON
TMR
DONE
1V/DIV
REMOTE SENSE ENABLE
1V/DIV
2V/DIV
25ms/DIV
2924 TA05c
5V
3.3V
ON
TMR
1V/DIV
REMOTE SENSE DISABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com