Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC2924IGN Datasheet HTML 1Page - Linear Technology LTC2924IGN Datasheet HTML 2Page - Linear Technology LTC2924IGN Datasheet HTML 3Page - Linear Technology LTC2924IGN Datasheet HTML 4Page - Linear Technology LTC2924IGN Datasheet HTML 5Page - Linear Technology LTC2924IGN Datasheet HTML 6Page - Linear Technology LTC2924IGN Datasheet HTML 7Page - Linear Technology LTC2924IGN Datasheet HTML 8Page - Linear Technology LTC2924IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2924
4
2924fa
TEMPERATURE (
°C)
–60 –40
30
35
40
60
2924 G06
25
20
–20
0
20
40
80 100
15
10
45
VOUT = 5V
VCC = 6V
VCC = 3V
TYPICAL PERFOR A CE CHARACTERISTICS
RDONE vs VCC
RFAULT vs VCC
OUTn (Off) ISAT vs Temperature
OUTn (Off) ISAT vs VCC
VCC (V)
3
40
45
2924 G04
35
30
4
5
6
55
50
VCC (V)
3
120
140
2924 G05
100
80
4
5
6
200
180
160
VCC (V)
2.5
25
30
35
4
5
6.5
2924 G07
20
15
10
3
3.5
4.5
5.5
6
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com