Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 10Page - Linear Technology LTC2924IGN Datasheet HTML 11Page - Linear Technology LTC2924IGN Datasheet HTML 12Page - Linear Technology LTC2924IGN Datasheet HTML 13Page - Linear Technology LTC2924IGN Datasheet HTML 14Page - Linear Technology LTC2924IGN Datasheet HTML 15Page - Linear Technology LTC2924IGN Datasheet HTML 16Page - Linear Technology LTC2924IGN Datasheet HTML 17Page - Linear Technology LTC2924IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2924
14
2924fa
Note that the TMR pin may take a while to reach the VCC
voltage. The pin is pulled to VCC with the same 5µA current
source used for the TMR function. The larger the timer
capacitor, the longer this will take. To estimate the amount
of time required for the TMR pin to reach VCC in a fault
condition, multiply the normal timer duration by VCC (in
Volts). See Figures 7 and 8 for FAULT pin connections
when two or more LTC2924 chips are cascaded.
Sequence Errors
The LTC2924 keeps track of power supplies that should
be on during the Power On sequence and the Power Off
sequence. The LTC2924 also monitors each IN pin after all
ofthepowersupplieshavesequencedon.Ifapowersupply
(asmonitoredattheIN1-IN4pins)goeslowwhenitshould
be high, a fault condition is detected. All four OUT pins are
pulled low and the FAULT pin will be pulled low.
Theprecisionvoltagethresholdfordetectionofasequence
error at any of the IN1-IN4 pins is the same as the normal
threshold (~0.61V). The precision voltage comparators
used in the LTC2924 employ a sampled technique to im-
prove accuracy. The sample time is approximately 20µs.
To improve the speed of detection for a sequence error, a
second high speed comparator is used for detecting a low
power supply. The voltage threshold for the high speed
comparators is approximately 0.4V (VON(FAULT)). Voltages
sensed below this threshold when a power supply should
be ON will cause a fault in ~1µs.
System Controller ON Command Errors
Once the LTC2924 receives the Power On command via
the ON pin, the ON pin must remain above 0.61V until the
PowerOnsequencehascompleted(e.g.DONEisasserted).
RemovingtheONcommandbeforetheLTC2924PowerOn
sequence has completed is considered a fault condition.
All of the OUT1-OUT4 pins that are already high will be
pulled low and the FAULT pin will be pulled low.
The same is true for the Power Off sequence. If the
LTC2924 has completed the Power On sequence and the
ON pin goes low, the ON pin must remain below 0.61V
until the Power Off sequence has completed. Raising the
ON pin above 0.61V before the Power Off sequence has
completed is considered a fault condition. Any OUTn pins
that are still high will immediately be pulled low and the
FAULT pin will be pulled low.
Power On Timeout Errors
If the LTC2924 PGT is being used (not tied to ground) a
fault condition will be detected when the PGT pin goes
above ~1V. If this occurs during Power On, all of the
OUT1-OUT4 pins that are already high will be pulled low
and the FAULT pin will be pulled low.
Externally Commanded Faults
If an external circuit pulls the FAULT pin low, an external
fault condition is detected and all OUT pins will be pulled
low. After sensing the Externally Commanded Fault, the
LTC2924 will also pull down on the FAULT pin until the
conditions for clearing the fault condition exist (see Clear-
ing the Fault Condition).
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com