Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 12Page - Linear Technology LTC2924IGN Datasheet HTML 13Page - Linear Technology LTC2924IGN Datasheet HTML 14Page - Linear Technology LTC2924IGN Datasheet HTML 15Page - Linear Technology LTC2924IGN Datasheet HTML 16Page - Linear Technology LTC2924IGN Datasheet HTML 17Page - Linear Technology LTC2924IGN Datasheet HTML 18Page - Linear Technology LTC2924IGN Datasheet HTML 19Page - Linear Technology LTC2924IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2924
16
2924fa
Shutdown Pin Power Supply Sequencer
Power On Sequence Timer Delay Longer
than Power Off Sequence Timer Delay
OUT1
OUT2
OUT3
OUT4
ON
DONE
FAULT
TMR
PGT
IN1
IN2
IN3
IN4
HYS/CFG
VCC
GND
LTC2924
150nF
2924 TA03
SYSTEM
CONTROLLER
150nF
POWER SUPPLY 4
POWER SUPPLY 3
POWER SUPPLY 2
POWER SUPPLY 1
VON ≥ 3.01V
VOFF ≤ 2.68V
VON ≥ 4.49V
VOFF ≤ 3.99V
VON ≥ 1.43V
VOFF ≤ 1.27V
VON ≥ 2.25V
VOFF ≤ 2V
33.2k
9.31k
24.9k
0.1
µF
15.8k
49.9k
11.81k
7.87k
8.45k
49.9k
2.5V
SHDN
1.6V
SHDN
5V
SHDN
3.3V
SHDN
10k
5V EARLY*
10k
*5V EARLY MUST BE ON BEFORE
SEQUENCING SUPPLIES
IN1
IN2
IN3
IN4
ON
TMR
OUT1
OUT2
OUT3
OUT4
PGT
FAULT
DONE
VCC
VCC
GND
LTC2924
150nF
0.1
µF
150nF
2924 TA04
2N7002 POWER ON TIMER DELAY = 30ms
POWER OFF TIMER DELAY = 15ms
VCC
10k
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com