Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 8Page - Linear Technology LTC2924IGN Datasheet HTML 9Page - Linear Technology LTC2924IGN Datasheet HTML 10Page - Linear Technology LTC2924IGN Datasheet HTML 11Page - Linear Technology LTC2924IGN Datasheet HTML 12Page - Linear Technology LTC2924IGN Datasheet HTML 13Page - Linear Technology LTC2924IGN Datasheet HTML 14Page - Linear Technology LTC2924IGN Datasheet HTML 15Page - Linear Technology LTC2924IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2924
12
2924fa
Cascading Multiple LTC2924s
Two or more LTC2924s may be cascaded to fully sequence
8,12 or more power supplies. Figures 7 and 8 show how
to configure the LTC2924 to sequence 8 and 12 power
supplies.Tosequencemorepowersupplies,usethecircuit
in Figure 8 and add more LTC2924s in the middle.
Notice that the last LTC2924 in the cascade string must
have a pull-up resistor on the DONE pin. Any LTC2924
that is not the first in the cascade string should have the
hysteresis current setting resistor, RHYS, pulled to VCC
instead of ground. The value of the RHYS resistor remains
unchanged. The FAULT pins should all be connected to-
gether and pulled up with a single 10k resistor.
Care should be taken when designing a circuit cascading
multiple LTC2924s. Use the following guidelines:
Figure 8. Cascading Three LTC2924s to Fully Sequence Up to 12 Power Supplies
Figure 7. Cascading Two LTC2924s to Fully Sequence Up to Eight Power Supplies
APPLICATIO S I FOR ATIO
TMR
HYS/CFG
ON
IN1
IN2
IN3
IN4
VCC
GND
PGT
OUT1
OUT2
OUT3
OUT4
DONE
LTC2924
VCC
FAULT
VCC
VCC
DONE
10k
10k
FAULT
2924 F07
TMR
HYS/CFG
ON
IN1
IN2
IN3
IN4
VCC
GND
PGT
OUT1
OUT2
OUT3
OUT4
DONE
LTC2924
ON
RHYS
RHYS
FAULT
TMR
HYS/CFG
ON
IN1
IN2
IN3
IN4
VCC
GND
PGT
OUT1
OUT2
OUT3
OUT4
DONE
LTC2924
VCC
FAULT
VCC
VCC
DONE
10k
10k
FAULT
2924 F08
TMR
HYS/CFG
ON
IN1
IN2
IN3
IN4
VCC
GND
PGT
OUT1
OUT2
OUT3
OUT4
DONE
LTC2924
RHYS
RHYS
FAULT
TMR
HYS/CFG
ON
IN1
IN2
IN3
IN4
VCC
GND
PGT
OUT1
OUT2
OUT3
OUT4
DONE
LTC2924
ON
RHYS
FAULT
• AllVCCandgroundpinsfortheLTC2924sinthecascade
chain must be connected to the same power supply.
• The ground pins should be connected via a ground
plane.
• CascadedLTC2924scommunicateusingacombination
of levels and pulses which do not look like the normal
output of a DONE pin nor input to an ON pin. Do not
connect any other components to the node between
the DONE and ON pins. Keep the parasitic capacitance
on this node below 75pF. Care should be taken when
routing a circuit trace between DONE and ON. If pos-
sible, run the trace adjacent to the ground plane, and/or
shield the trace with a ground trace on either side.
Leakage currents must be maintained below 2µA on
this node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com