Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 7Page - Linear Technology LTC2924IGN Datasheet HTML 8Page - Linear Technology LTC2924IGN Datasheet HTML 9Page - Linear Technology LTC2924IGN Datasheet HTML 10Page - Linear Technology LTC2924IGN Datasheet HTML 11Page - Linear Technology LTC2924IGN Datasheet HTML 12Page - Linear Technology LTC2924IGN Datasheet HTML 13Page - Linear Technology LTC2924IGN Datasheet HTML 14Page - Linear Technology LTC2924IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2924
11
2924fa
Minimize stray capacitance on the ON and IN1-IN4 pins.
As a practical matter, lay out these resistors as close to
the LTC2924 as possible.
Details of Resistor Calculations
Inthisexample,thevoltageattheINpinsis0.61Vwhenthe
LTC2924detectsthatthepowersupplyisOnduringaPower
On sequence or Off during a Power Off sequence.
The delta voltage, ΔV, represents the difference:
ΔV = 2.2V – 1V = 1.2V
This delta voltage on RB will be equal to the product of
hysteresis current IHYS and RB. Therefore:
R
V
I
V
A
k
B
HYS
= ∆ =
µ
=
Ω
1 2
50
24
.
The current IRB at the Power On voltage of 2.2V is:
I
V
V
k
A
RB =
= µ
2 2
0 61
24
66
.
– .
During the Power On sequence, IHYS = 0, so IFB is equal
to IRB and RA is:
R
A
k
A =
µ
=
0 61
66
9 2
.
.
VOFF Precaution
UsecautionifdesignscallforVOFFvoltageslessthan~0.8V.
Many loads stop using significant current at this level, and
the power supply may take a long time to go below this
voltage. If VOFF voltages at or less than this voltage are
necessary, consider adding an extra resistive load at the
output of the power supply to ensure it discharges in a
reasonable amount of time.
APPLICATIO S I FOR ATIO
Selecting the Timing Capacitor
During the Power On sequence, the timer is used to cre-
ate a delay between the time one supply reaches the On
thresholdandthenextsupplyisenabled.DuringthePower
Off sequence, the timer is used to create a delay between
the time one supply reaches the Off threshold and the
next supply is disabled. Select the timing capacitor with
the following equation:
CTMR [µF] = tDELAY • 5µF/s
Leaving the TMR pin unconnected will generate the mini-
mum delay. The accuracy of the time delay will be affected
by the capacitor leakage (the nominal charge current is
5µA) and capacitor tolerance. A low leakage ceramic
capacitor is recommended.
Selecting the Power Good Timer (PGT) Capacitor
During the Power On sequence, the PGT can be used to
detect the failure of a power supply to reach the desired
On voltage. The PGT is enabled each time a power supply
is enabled by the OUT1-OUT4 pins. The PGT is reset each
time an IN1-IN4 pin detects that a power supply is at the
desired On voltage. Select the PGT timeout capacitor with
the following equation:
CPGT [µF] = tPGT • 5µF/s
If no PGT is desired, the PGT pin must be shorted to
ground. The accuracy of the PGT timeout will be affected
by the capacitor leakage (the nominal charge current
is 5µA) and capacitor tolerance. A low leakage ceramic
capacitor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com