Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2924IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2924IGN
Description  Quad Power Supply Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2924IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2924IGN Datasheet HTML 5Page - Linear Technology LTC2924IGN Datasheet HTML 6Page - Linear Technology LTC2924IGN Datasheet HTML 7Page - Linear Technology LTC2924IGN Datasheet HTML 8Page - Linear Technology LTC2924IGN Datasheet HTML 9Page - Linear Technology LTC2924IGN Datasheet HTML 10Page - Linear Technology LTC2924IGN Datasheet HTML 11Page - Linear Technology LTC2924IGN Datasheet HTML 12Page - Linear Technology LTC2924IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2924
9
2924fa
Up to five supplies can be sequenced to a sixth master
supply by a single LTC2924 (Figure 4). The turn on of the
first power supply is sensed by the ON pin. Power sup-
plies two through five are enabled by the OUT1 through
OUT4 pins, and their turn on sensed by the IN1 through
IN4 pins respectively. The last power supply is enabled
by the DONE pin, which is generally connected through
an inverter. This application is used where power supplies
are sequentially sequenced on and the turn off is simulta-
neous. Multiple LTC2924s can be cascaded to facilitate
sequencing of eight or more power supplies. See the
Cascading Multiple LTC2924s section.
APPLICATIO S I FOR ATIO
Selecting the Hysteresis Current and IN Pin Feedback
Resistors
The IN1-IN4 pins are connected to a sequenced power
supply with a resistive divider. The resistors are calculated
by first selecting a hysteresis current, IHYS, and calculat-
ing RHYS:
R
V
I
A I
A
HYS
HYS
HYS
=
µ ≤
≤ µ
0 5
0 5
50
.
; .
For each sequenced power supply, choose a voltage
when the power supply is considered to be On during
Figure 4. 6-Power Supply Sequencer Block Diagram
OUT1
OUT2
OUT3
OUT4
DONE
FAULT
ON
IN1
IN2
IN3
IN4
LTC2924
VCC
GND
2924 F04
SHDN
VOUT
PS1
SHDN
VOUT
PS2
SHDN
VOUT
PS3
SHDN
VOUT
PS4
SHDN
VOUT
PS5
SHDN
*VCC EARLY MUST BE ON BEFORE
SEQUENCING SUPPLIES
VOUT
PS6
TURN OFF
VCC EARLY*
SYSTEM
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com