Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 2Page - Texas Instruments THS0842 Datasheet HTML 3Page - Texas Instruments THS0842 Datasheet HTML 4Page - Texas Instruments THS0842 Datasheet HTML 5Page - Texas Instruments THS0842 Datasheet HTML 6Page - Texas Instruments THS0842 Datasheet HTML 7Page - Texas Instruments THS0842 Datasheet HTML 8Page - Texas Instruments THS0842 Datasheet HTML 9Page - Texas Instruments THS0842 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions with fCLK = 80 MSPS and use
of internal voltage references, AVDD = DVDD = DRVDD = 3 V, TA = –40°C to 80°C, dual output bus mode
(unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
AV
DV
DRV
3 3 V
73
95
IDD
Operating supply current
DVDD
AVDD = DVDD = DRVDD = 3.3 V,
CL =15 pFVI = 1 MHz –1 dBFS
3
3.8
mA
DRVDD
CL = 15 F, VI = 1 MHz, –1 dBFS
17
22
PD
Power dissipation
PWDN_REF = L
320
393
PD
Power dissipation
PWDN_REF = H
275
335
mW
PD(STBY)
Standby power
STBY = H,
CLK held high or low
11
15
logic inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current on CLK†
AVDD = DVDD = DRVDD = CLK = 3.6 V
10
µA
IIL
Low-level input current on digital inputs
(OE, STDBY, PWDN_REF, CLK)
AVDD = DVDD = DRVDD = 3.6 V,
Digital inputs at 0 V
10
µA
CI
Input capacitance
5
pF
† IIH leakage current on other digital inputs (OE, STDBY, PWDN_REF) is not measured since these inputs have an internal pull-down resistor of
4 K
Ω to DGND.
logic outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
AVDD = DVDD = DRVDD = 3 V at IOH = 50 µA,
Digital output forced high
2.8
V
VOL
Low-level output voltage
AVDD = DVDD = DRVDD = 3.6 V at IOL = 50 µA,
Digital output forced low
0.1
V
CO
Output capacitance
5
pF
IOZH
High-impedance state output current to
high level
AVDD =DVDD =DRVDD =3 6V
10
µA
IOZL
High-impedance state output current to
low level
AVDD = DVDD = DRVDD = 3.6 V
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com