Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 16Page - Texas Instruments THS0842 Datasheet HTML 17Page - Texas Instruments THS0842 Datasheet HTML 18Page - Texas Instruments THS0842 Datasheet HTML 19Page - Texas Instruments THS0842 Datasheet HTML 20Page - Texas Instruments THS0842 Datasheet HTML 21Page - Texas Instruments THS0842 Datasheet HTML 22Page - Texas Instruments THS0842 Datasheet HTML 23Page - Texas Instruments THS0842 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
analog input (continued)
1.5 V
I/Q+
1.5 + 0.25 V
I/Q+
1.5 – 0.25 V
Positive
Analog
Input
1.5 V
I/Q–
1.5 – 0.25 V
I/Q–
1.5 + 0.25 V
Negative
Analog
Input
0 V
+0.5 V
Differential
Input
–0.5 V
1.0 Vp–p
Figure 19. Differential Input Waveform
The analog input can be dc coupled (Figure 21) as long as the inputs are within the analog input common mode
voltage range. The resistors, R, in Figure 21 are not absolutely necessary but may be used as load setting
resistors. A capacitor, C, connected from I/Q IN+ to I/Q IN– will help filter any high frequency noise on the inputs,
also improving performance. Note, that the chosen value of capacitor C must take into account the highest
frequency component of the analog input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com