Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 14Page - Texas Instruments THS0842 Datasheet HTML 15Page - Texas Instruments THS0842 Datasheet HTML 16Page - Texas Instruments THS0842 Datasheet HTML 17Page - Texas Instruments THS0842 Datasheet HTML 18Page - Texas Instruments THS0842 Datasheet HTML 19Page - Texas Instruments THS0842 Datasheet HTML 20Page - Texas Instruments THS0842 Datasheet HTML 21Page - Texas Instruments THS0842 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
definitions of specifications and terminology (continued)
pipeline delay (latency)
The number of clock cycles between conversion initiation on an input sample and the corresponding output data
being made available from the ADC pipeline. Once the data pipeline is full, new valid output data is provided
on every clock cycle. In order to know when data is stable on the output pins, the output delay time td(o) (i.e.,
the delay time through the digital output buffers) needs to be added to the pipeline latency. Note that since the
max td(o) is more than 1/2 clock period at 80 MHz, data cannot be reliably clocked in on a rising edge of CLK
at this speed. The falling edge should be used.
The THS0842 implements a high-speed 40 MSPS converter in a cost effective CMOS process. Powered from
3.3 V, the single pipeline design architecture ensures low power operation and 8-bit accuracy. Signal inputs are
differential and the clock signal is single ended. The digital inputs are 3.3 V TTL/CMOS compatible. Internal
voltage references are included for both bottom and top voltages. Therefore, the converter forms a
self-contained solution. Alternatively, the user may apply externally generated reference voltages. In doing so,
both input offset and input range can be modified to suit the application.
The analog input signal is captured by a high speed sampling and hold. Multiple stages will generate the output
code with a pipeline delay of 6.5 CLK cycles. Correction logic combines the multistage data and aligns the 8-bit
output word. All digital logic operates at the rising edge of CLK.
analog input
CI
RSW
RS
VS+
THS0842
+
–
+
–
CI
VS–
RSW
RS
VCM
VCM
Figure 18. Simplified Equivalent Input Circuit
A first-order approximation for the equivalent analog input circuit of the THS0842 is shown in Figure 18. The
equivalent input capacitance CI is 5 pF typical. The input must charge/discharge this capacitance within the
sample period of one half of a clock cycle. When a full-scale voltage step is applied, the input source provides
the charging current through the switch resistance RSW (200 Ω) of S1 and quickly settles. In this case the input
impedance is low. Alternatively, when the source voltage equals the value previously stored on CI, the hold
capacitor requires no input current and the equivalent input impedance is very high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com