Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 4 Page - Texas Instruments

  THS0842 Datasheet HTML 1Page - Texas Instruments THS0842 Datasheet HTML 2Page - Texas Instruments THS0842 Datasheet HTML 3Page - Texas Instruments THS0842 Datasheet HTML 4Page - Texas Instruments THS0842 Datasheet HTML 5Page - Texas Instruments THS0842 Datasheet HTML 6Page - Texas Instruments THS0842 Datasheet HTML 7Page - Texas Instruments THS0842 Datasheet HTML 8Page - Texas Instruments THS0842 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD
27, 37, 41
I
Analog supply voltage
AVSS
28, 36, 40,
46
I
Analog ground
BG
29
O
Band gap reference voltage. A 1-
µF capacitor with a 0.1-µF capacitor in parallel should be connected
between this terminal and AVSS for external filtering.
CLK
47
I
Clock input. The input is sampled on each rising edge of CLK.
CML
32
O
Common mode level. This voltage is equal to (AVDD – AVSS)/2. An external 1-µF capacitor with a 0.1-µF
capacitor in parallel should be connected between this terminal and AVSS.
COUT
26
O
Latch clock for the data outputs
COUT
25
O
Inverted latch clock for the data outputs
DB7 – DB0
4 – 11
O
Data outputs. D7 is the MSB. This is the second bus. Data is output from the Q channel when dual bus
output mode is selected. Pin SELB selects the output mode.
DRVDD
1, 13
I
Supply voltage for output drivers
DRVSS
12, 24
I
Ground for digital output drivers
DA7 – DA0
16 – 23
I
Data outputs for bus A. D7 is MSB. This is the primary bus. Data from both input channels can be output
on this bus or data from the I channel only. Pin SELB selects the output mode.
DVDD
45
I
Digital supply voltage
DVSS
43
I
Digital ground
I–
39
I
Negative input for analog channel 0.
I+
38
I
Positive input for analog channel 0.
NC
2,3,14,15
No connect. Reserved for future use
OE
48
I
Output enable. A high on this terminal will disable the output bus.
PWDN_REF
33
I
Power down for internal reference voltages. A high on this terminal will disable the internal reference
circuit.
Q–
35
I
Negative input for analog channel 1
Q+
34
I
Positive input for analog channel 1
REFB
30
I/O
Reference voltage bottom. The voltage at this terminal defines the bottom reference voltage for the ADC.
Sufficient filtering should be applied to this input. A 1-
µF capacitor with a 0.1-µF capacitor in parallel should
be connected between REFB and AVSS. Additionally, a 0.1-µF capacitor can be connected between REFT
and REFB.
REFT
31
I/O
Reference voltage top. The voltage at this terminal defines the top reference voltage for the ADC. Sufficient
filtering should be applied to this input. A 1-
µF capacitor with a 0.1-µF capacitor in parallel should be
connected between REFT and AVSS. Additionally, a 0.1-µF capacitor can be connected between REFT
and REFB.
SELB
44
I
Selects either single bus or data output or dual bus output data output. A low selects dual bus data output.
STBY
42
I
Standby input. A high level on this terminal will power down the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com