Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 8Page - Texas Instruments THS0842 Datasheet HTML 9Page - Texas Instruments THS0842 Datasheet HTML 10Page - Texas Instruments THS0842 Datasheet HTML 11Page - Texas Instruments THS0842 Datasheet HTML 12Page - Texas Instruments THS0842 Datasheet HTML 13Page - Texas Instruments THS0842 Datasheet HTML 14Page - Texas Instruments THS0842 Datasheet HTML 15Page - Texas Instruments THS0842 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
DIFFERENTIAL NONLINEARITY
–2
–1.5
–1
–0.5
0
0.5
1
1.5
2
0
128
255
ADC CODE
Figure 6
INTEGRAL NONLINEARITY
–2
–1.5
–1
–0.5
0
0.5
1
1.5
2
0
128
255
ADC CODE
Figure 7
–140
–120
–100
–80
–60
–40
–20
0
02
4
6
8
10
12
14
16
18
20
f – Frequency – MHz
I Input Channel
AIN = 1.1 MHz
FAST FOURIER TRANSFORM
Figure 8
† Unless otherwise noted AVDD = DVDD = DRVDD = 3 V, fCLK = 80 MHz, Analog Input = –1 dB FS, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com